Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M28F410 Datasheet(PDF) 26 Page - STMicroelectronics

Part # M28F410
Description  4 Megabit (x8 or x16, Block Erase) FLASH MEMORY
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28F410 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button M28F410 Datasheet HTML 22Page - STMicroelectronics M28F410 Datasheet HTML 23Page - STMicroelectronics M28F410 Datasheet HTML 24Page - STMicroelectronics M28F410 Datasheet HTML 25Page - STMicroelectronics M28F410 Datasheet HTML 26Page - STMicroelectronics M28F410 Datasheet HTML 27Page - STMicroelectronics M28F410 Datasheet HTML 28Page - STMicroelectronics M28F410 Datasheet HTML 29Page - STMicroelectronics M28F410 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 38 page
background image
Memory Blocks
The memory blocks of the M28F410 and M28F420
are shown in Figure 10. The differencebetween the
two productsis simply an inversion of the block map
to position the Boot Block at the top or bottom of
the memory. The selection of the Boot Block at the
top or bottom of the memory depends on the
microprocessor needs.
Each block of the memory can be erased sepa-
rately, but only by one block at a time. The erase
operation is managed by the P/E.C. but can be
suspended in order to read from another block and
then resumed.
Programming and erasure of the memory is dis-
abled when the program supply is at VPPL. For
successful programming and erasure the program
supply must be at VPPH.
The Boot Block provides additional hardware secu-
rity by use of the RP signal which must be at VHH
before any program or erase operation will be
executed by the P/E.C. on the Boot Block.
Operations
Operations are defined as specific bus cycles and
signals which allow memory Read, Command
Write, Output Disable, Standby, Power Down, and
Electronic Signature Read. They are shown in Ta-
ble 3.
Read. Read operations are used to output the
contents of the Memory Array, the Status Register
or the Electronic Signature. Both Chip Enable E
and Output Enable G must be low in order to read
the output of the memory. The Chip Enable input
also provides power control and should be used for
device selection. Output Enable should be used to
gate data onto the output independentof the device
selection. A read operation will output either a byte
or a word depending on the BYTE signal level.
When BYTE is Low the output byte is on DQ0-DQ7,
DQ8-DQ14 are Hi-Z and A-1 is an additional ad-
dress input. When BYTE is High the output word is
on DQ0-DQ15.
The data read depends on the previous command
written to the memory (see instructions RD, RSR
and RSIG).
8K BOOT BLOCK
AI01277
3FFFFh
3E000h
3DFFFh
3D000h
3CFFFh
3C000h
3BFFFh
00000h
4K PARAMETER BLOCK
4K PARAMETER BLOCK
48K MAIN BLOCK
64K MAIN BLOCK
64K MAIN BLOCK
64K MAIN BLOCK
30000h
2FFFFh
20000h
1FFFFh
10000h
0FFFFh
A0-A17
Word Wide
M28F410 TOP BOOT BLOCK
8K BOOT BLOCK
3FFFFh
30000h
2FFFFh
20000h
1FFFFh
10000h
0FFFFh
00000h
4K PARAMETER BLOCK
4K PARAMETER BLOCK
48K MAIN BLOCK
64K MAIN BLOCK
64K MAIN BLOCK
64K MAIN BLOCK
04000h
03FFFh
03000h
02FFFh
02000h
01FFFh
A0-A17
Word Wide
M28F420 BOTTOM BOOT BLOCK
Figure 10. Memory Map, Word-wide Addresses
26/38
M28F410, M28F420



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com