Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD7388CP Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CD7388CP
Description  Five preset mode equalizer circuit
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CD7388CP Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CD7388CP Datasheet HTML 1Page - List of Unclassifed Manufacturers CD7388CP Datasheet HTML 2Page - List of Unclassifed Manufacturers CD7388CP Datasheet HTML 3Page - List of Unclassifed Manufacturers CD7388CP Datasheet HTML 4Page - List of Unclassifed Manufacturers CD7388CP Datasheet HTML 5Page - List of Unclassifed Manufacturers CD7388CP Datasheet HTML 6Page - List of Unclassifed Manufacturers CD7388CP Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
三晶电子有限公司
CD7388CP
URL:http://www.szsanjing.com
------------------ TEL:0755-29663136
FAX:0755-29663137
------------------
page:1/7
C D 7 3 8 8 C P
五 种 预 置 模 式 均 衡 器 电 路
概述:
CD7388CP 是一片双通道的数字可预置均衡器电路,采用 CMOS 工艺制造。它提供 5 种不同
的音响效果选择模式,即平坦/普通、摇滚乐、流行音乐、古典音乐和爵士乐。低频提升可加到
任何一种模式中去,以增加音乐效果的多样性。CD7388CP 提供 2 种键选择模式,即直接选择和
循环选择。管脚设置和应用线路都进行了优化,以节省费用和便于 PCB 布图。
主要特点:
﹡较宽的工作电压范围
﹡低谐波失真和很高的信噪比(THD+N<0.02%,S/N>95dB)
﹡LED 显示输出模式
﹡五种音响效果选择
﹡很少的外围元件
﹡低音提升功能
﹡直接或循环键选择功能
﹡双通道输出
管脚排列:
1
2
3
4
5
6
7
8
10
9
12
11
24
23
22
21
20
19
18
17
14
13
INL
16
15
BL1
BL2
TL
OUTL
VCC
BIAS
GND
BB
CYC
MUTE
SEL
INR
BR1
BR2
TR
OUTR
JAZZ
CLASSIC
ROCK
POPS
FLAT
BLED
NC
CD7388CP
右声道输入
右声道低音控制2
右声道低音控制1
右声道高音控制
古典乐
右声道 输出
爵士乐
平坦
流行乐
摇滚乐
低音提升指示
空脚
低音提升
循环
静噪
选择
地
偏置
电源
左声道输出
左声高音控制
左声低音控制2
左声低音控制1
左声道输入


Similar Part No. - CD7388CP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CD7388CZ ETC-CD7388CZ Datasheet
405Kb / 5P
Automobile Amplifier
2011-06-A
More results

Similar Description - CD7388CP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA2078P TOSHIBA-TA2078P Datasheet
197Kb / 6P
PRESET EQUALIZER IC
logo
Princeton Technology Co...
PT2380 PTC-PT2380 Datasheet
272Kb / 11P
4 Mode Preset Equalizer IC
PT2381 PTC-PT2381 Datasheet
338Kb / 3P
4-Mode Preset Equalizer IC?
PT2388 PTC-PT2388 Datasheet
112Kb / 4P
5-Mode Preset Equalizer IC???
logo
Silan Microelectronics ...
SC5388 SILAN-SC5388 Datasheet
155Kb / 9P
5-MODE PRESET EQUALIZER IC
logo
Mitsubishi Electric Sem...
M62415 MITSUBISHI-M62415 Datasheet
283Kb / 7P
2CH 4 MODE PRESET EQUALIZER
logo
Silan Microelectronics ...
SA2078 SILAN-SA2078 Datasheet
96Kb / 4P
PRESET EQUALIZER CIRCUIT
logo
Princeton Technology Co...
PT2381 PTC-PT2381_10 Datasheet
292Kb / 13P
4-Mode Preset Equalizer IC
PT2388 PTC-PT2388_10 Datasheet
308Kb / 9P
5-Mode Preset Equalizer IC
logo
Mixed Signal Integratio...
MSGEQ5A MSI-MSGEQ5A Datasheet
70Kb / 4P
Five Band Graphic Equalizer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com