Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD7388CP Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # CD7388CP
Description  Five preset mode equalizer circuit
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CD7388CP Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  CD7388CP Datasheet HTML 1Page - List of Unclassifed Manufacturers CD7388CP Datasheet HTML 2Page - List of Unclassifed Manufacturers CD7388CP Datasheet HTML 3Page - List of Unclassifed Manufacturers CD7388CP Datasheet HTML 4Page - List of Unclassifed Manufacturers CD7388CP Datasheet HTML 5Page - List of Unclassifed Manufacturers CD7388CP Datasheet HTML 6Page - List of Unclassifed Manufacturers CD7388CP Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
三晶电子有限公司
CD7388CP
URL:http://www.szsanjing.com
------------------ TEL:0755-29663136
FAX:0755-29663137
------------------
page:6/7
3.低音的调整
低音的调整通过改变分别接在 BL1-BL2 和 BR1-BR2 端的两个电容来实现。
当电容值增大时,低音的增益频响曲线向频率的低端移动,反之,当电容值减少时,
其频响曲线向相反的方向移动。
1
2
3
4
5
6
7
8
10
9
12
11
24
23
22
21
20
19
18
17
14
13
INL
16
15
BL1
BL2
TL
OUTL
VCC
BIAS
GND
BB
CYC
MUTE
SEL
INR
BR1
BR2
TR
OUTR
JAZZ
CLASSIC
ROCK
POPS
FLAT
BLED
NC
1uf
0.068uf
1500pf
1500pf
5.6k
1uf
1uf
1uf
0.1uf
VCC
OUTL
INL
0.068uf
1500pf
1500pf
5.6k
OUTR
10K
4.7K
VCC
INR
LED*6
JAZZ
POPS
CLASSIC
ROCK
FLAT
10K
CD7388
注:0.068µf﹑1500pf 的电容请用聚酯薄膜型。
图一
CS7388CP 直接按键模式应用图
1
2
3
4
5
6
7
8
10
9
12
11
24
23
22
21
20
19
18
17
14
13
INL
16
15
BL1
BL2
TL
OUTL
VCC
BIAS
GND
BB
CYC
MUTE
SEL
INR
BR1
BR2
TR
OUTR
JAZZ
CLASSIC
ROCK
POPS
FLAT
BLED
NC
1uf
0.068uf
1500pf
1500pf
5.6k
1uf
1uf
1uf
0.1uf
VCC
OUTL
INL
0.068uf
1500pf
1500pf
5.6k
INR
4.7K
VCC
10K
CD7388
LED*6
CYC
BB
注: 0.068µf﹑1500pf 的电容请用聚酯薄膜型。
图二
CS7388CP 循环按键模式应用图



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com