Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD7388CP Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # CD7388CP
Description  Five preset mode equalizer circuit
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CD7388CP Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  CD7388CP Datasheet HTML 1Page - List of Unclassifed Manufacturers CD7388CP Datasheet HTML 2Page - List of Unclassifed Manufacturers CD7388CP Datasheet HTML 3Page - List of Unclassifed Manufacturers CD7388CP Datasheet HTML 4Page - List of Unclassifed Manufacturers CD7388CP Datasheet HTML 5Page - List of Unclassifed Manufacturers CD7388CP Datasheet HTML 6Page - List of Unclassifed Manufacturers CD7388CP Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
三晶电子有限公司
CD7388CP
URL:http://www.szsanjing.com
------------------ TEL:0755-29663136
FAX:0755-29663137
------------------
page:5/7
典型值
音响效果
f=100Hz
f=1KHz
f=10KHz
单位
平坦/普通
1.7
-0.8
-1.3
摇滚乐
10.0
1.5
7.0
流行乐
6.5
0.5
7.0
古典乐
6.0
0.5
1.0
爵士乐
10.0
1.2
3.3
平坦/普通+
低音提升
8.5
0.7
1.0
摇滚乐+低音
提升
11.0
2.0
7.0
流行乐+低音
提升
9.5
1.0
7.0
古典乐+低音
提升
9.5
1.0
1.0
爵士乐+低音
提升
11.0
2.0
2.5
dB
典型应用线路:
直接按键模式典型应用见图一;
循环按键模式典型应用见图二。
应用说明:
1.高音和低音的调节
不同的人总有不同的听觉爱好
:本说明书给出的 CD7388CP 应用线路和有关参数是考虑
了大多数的听觉爱好而设计的
,然而也可以根据自己的不同听觉习惯来调整有关的参数.
2. 高音的调整
高音的调整通过改变分别接在 TL- OUT 和 TR-OUT 端的两个电容来实现。
当电容增大时,高音的增益频响向频率的低端移动,反之,当电容值减少时,其频
响曲线向相反的方向移动。



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com