Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F28375DPTP Datasheet(PDF) 3 Page - Texas Instruments

Part # TMS320F28375DPTP
Description  TMS320F2837xD Dual-Core Microcontrollers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28375DPTP Datasheet(HTML) 3 Page - Texas Instruments

  TMS320F28375DPTP Datasheet HTML 1Page - Texas Instruments TMS320F28375DPTP Datasheet HTML 2Page - Texas Instruments TMS320F28375DPTP Datasheet HTML 3Page - Texas Instruments TMS320F28375DPTP Datasheet HTML 4Page - Texas Instruments TMS320F28375DPTP Datasheet HTML 5Page - Texas Instruments TMS320F28375DPTP Datasheet HTML 6Page - Texas Instruments TMS320F28375DPTP Datasheet HTML 7Page - Texas Instruments TMS320F28375DPTP Datasheet HTML 8Page - Texas Instruments TMS320F28375DPTP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 226 page
background image
example, one C28x+CLA core can be used to track speed and position, while the other C28x+CLA core can be
used to control torque and current loops.
The TMS320F2837xD supports up to 1MB (512KW) of onboard flash memory with error correction code (ECC)
and up to 204KB (102KW) of SRAM. Two 128-bit secure zones are also available on each CPU for code
protection.
Performance analog and control peripherals are also integrated on the F2837xD MCU to further enable system
consolidation. Four independent 16-bit ADCs provide precise and efficient management of multiple analog
signals, which ultimately boosts system throughput. The new sigma-delta filter module (SDFM) works in
conjunction with the sigma-delta modulator to enable isolated current shunt measurements. The Comparator
Subsystem (CMPSS) with windowed comparators allows for protection of power stages when current limit
conditions are exceeded or not met. Other analog and control peripherals include DACs, PWMs, eCAPs,
eQEPs, and other peripherals.
Peripherals such as EMIFs, CAN modules (ISO 11898-1/CAN 2.0B-compliant), and a new uPP interface extend
the connectivity of the F2837xD. The uPP interface is a new feature of the C2000™ MCUs and supports high-
speed parallel connection to FPGAs or other processors with similar uPP interfaces. Lastly, a USB 2.0 port with
MAC and PHY lets users easily add universal serial bus (USB) connectivity to their application.
To learn more about the C2000 MCUs, visit the C2000 Overview at www.ti.com/c2000.
Device Information
PART NUMBER(1)
PACKAGE
BODY SIZE
TMS320F28379DZWT
nFBGA (337)
16.0 mm × 16.0 mm
TMS320F28377DZWT
nFBGA (337)
16.0 mm × 16.0 mm
TMS320F28376DZWT
nFBGA (337)
16.0 mm × 16.0 mm
TMS320F28375DZWT
nFBGA (337)
16.0 mm × 16.0 mm
TMS320F28374DZWT
nFBGA (337)
16.0 mm × 16.0 mm
TMS320F28379DPTP
HLQFP (176)
24.0 mm × 24.0 mm
TMS320F28378DPTP
HLQFP (176)
24.0 mm × 24.0 mm
TMS320F28377DPTP
HLQFP (176)
24.0 mm × 24.0 mm
TMS320F28376DPTP
HLQFP (176)
24.0 mm × 24.0 mm
TMS320F28375DPTP
HLQFP (176)
24.0 mm × 24.0 mm
TMS320F28374DPTP
HLQFP (176)
24.0 mm × 24.0 mm
TMS320F28375DPZP
HTQFP (100)
14.0 mm × 14.0 mm
(1)
For more information on these devices, see Mechanical, Packaging, and Orderable Information.
www.ti.com
TMS320F28379D, TMS320F28379D-Q1, TMS320F28378D, TMS320F28377D
TMS320F28377D-Q1, TMS320F28376D, TMS320F28375D, TMS320F28374D
SPRS880O – DECEMBER 2013 – REVISED FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TMS320F28379D TMS320F28379D-Q1 TMS320F28378D TMS320F28377D
TMS320F28377D-Q1 TMS320F28376D TMS320F28375D TMS320F28374D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com