Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F28375DPTP Datasheet(PDF) 70 Page - Texas Instruments

Part # TMS320F28375DPTP
Description  TMS320F2837xD Dual-Core Microcontrollers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28375DPTP Datasheet(HTML) 70 Page - Texas Instruments

Back Button TMS320F28375DPTP Datasheet HTML 66Page - Texas Instruments TMS320F28375DPTP Datasheet HTML 67Page - Texas Instruments TMS320F28375DPTP Datasheet HTML 68Page - Texas Instruments TMS320F28375DPTP Datasheet HTML 69Page - Texas Instruments TMS320F28375DPTP Datasheet HTML 70Page - Texas Instruments TMS320F28375DPTP Datasheet HTML 71Page - Texas Instruments TMS320F28375DPTP Datasheet HTML 72Page - Texas Instruments TMS320F28375DPTP Datasheet HTML 73Page - Texas Instruments TMS320F28375DPTP Datasheet HTML 74Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 226 page
background image
8.9.4 Flash Parameters
The on-chip flash memory is tightly integrated to the CPU, allowing code execution directly from flash through
128-bit-wide prefetch reads and a pipeline buffer. Flash performance for sequential code is equal to execution
from RAM. Factoring in discontinuities, most applications will run with an efficiency of approximately 80% relative
to code executing from RAM. This flash efficiency lets designers realize a 2× improvement in performance when
migrating from the previous generation of MCUs.
This device also has an OTP (One-Time-Programmable) sector used for the dual code security module (DCSM),
which cannot be erased after it is programmed.
Table 8-4 shows the minimum required flash wait states at different frequencies. Section 8.9.4.1 shows the flash
parameters.
Table 8-4. Flash Wait States
CPUCLK (MHz)
MINIMUM WAIT STATES (1)
EXTERNAL OSCILLATOR OR CRYSTAL
INTOSC1 OR INTOSC2
150 < CPUCLK ≤ 200
145 < CPUCLK ≤ 194
3
100 < CPUCLK ≤ 150
97 < CPUCLK ≤ 145
2
50 < CPUCLK ≤ 100
48 < CPUCLK ≤ 97
1
CPUCLK ≤ 50
CPUCLK ≤ 48
0
(1)
Minimum required FRDCNTL[RWAIT].
8.9.4.1 Flash Parameters
PARAMETER
MIN
TYP
MAX
UNIT
Program Time(1)
128 data bits + 16 ECC bits
40
300
µs
8KW sector
90
180
ms
32KW sector
360
720
ms
Erase Time(2) at < 25 cycles
8KW sector
25
50
ms
32KW sector
30
55
Erase Time(2) at 20k cycles
8KW sector
105
4000
ms
32KW sector
110
4000
Nwec
Write/erase cycles
20000
cycles
tretention
Data retention duration at TJ = 85°C
20
years
(1)
Program time is at the maximum device frequency. Program time includes overhead of the flash state machine but does not include
the time to transfer the following into RAM:
•
Code that uses flash API to program the flash
•
Flash API itself
•
Flash data to be programmed
In other words, the time indicated in this table is applicable after all the required code/data is available in the device RAM, ready for
programming. The transfer time will significantly vary depending on the speed of the JTAG debug probe used.
Program time calculation is based on programming 144 bits at a time at the specified operating frequency. Program time includes
Program verify by the CPU. The program time does not degrade with write/erase (W/E) cycling, but the erase time does.
Erase time includes Erase verify by the CPU and does not involve any data transfer.
(2)
Erase time includes Erase verify by the CPU.
Note
The Main Array flash programming must be aligned to 64-bit address boundaries and each 64-bit
word may only be programmed once per write/erase cycle. For more details, see the "Flash: Minimum
Programming Word Size" advisory in the TMS320F2837xD Dual-Core MCUs Silicon Errata .
TMS320F28379D, TMS320F28379D-Q1, TMS320F28378D, TMS320F28377D
TMS320F28377D-Q1, TMS320F28376D, TMS320F28375D, TMS320F28374D
SPRS880O – DECEMBER 2013 – REVISED FEBRUARY 2021
www.ti.com
70
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMS320F28379D TMS320F28379D-Q1 TMS320F28378D TMS320F28377D
TMS320F28377D-Q1 TMS320F28376D TMS320F28375D TMS320F28374D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com