Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F28375DPTP Datasheet(PDF) 22 Page - Texas Instruments

Part # TMS320F28375DPTP
Description  TMS320F2837xD Dual-Core Microcontrollers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28375DPTP Datasheet(HTML) 22 Page - Texas Instruments

Back Button TMS320F28375DPTP Datasheet HTML 18Page - Texas Instruments TMS320F28375DPTP Datasheet HTML 19Page - Texas Instruments TMS320F28375DPTP Datasheet HTML 20Page - Texas Instruments TMS320F28375DPTP Datasheet HTML 21Page - Texas Instruments TMS320F28375DPTP Datasheet HTML 22Page - Texas Instruments TMS320F28375DPTP Datasheet HTML 23Page - Texas Instruments TMS320F28375DPTP Datasheet HTML 24Page - Texas Instruments TMS320F28375DPTP Datasheet HTML 25Page - Texas Instruments TMS320F28375DPTP Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 226 page
background image
TERMINAL
I/O/Z
(1)
DESCRIPTION
NAME
MUX
POSITION
ZWT
BALL
NO.
PTP
PIN
NO.
PZP
PIN
NO.
GPIO20
0, 4, 8, 12
F2
13
12
I/O
General-purpose input/output 20
EQEP1A
1
I
Enhanced QEP1 input A
MDXA
2
O
McBSP-A transmit serial data
CANTXB
3
O
CAN-B transmit
EPWM11A
5
O
Enhanced PWM11 output A
SD1_D3
7
I
Sigma-Delta 1 channel 3 data input
UPP-D0
15
I/O
Universal parallel port data line 0
GPIO21
0, 4, 8, 12
F3
14
13
I/O
General-purpose input/output 21
EQEP1B
1
I
Enhanced QEP1 input B
MDRA
2
I
McBSP-A receive serial data
CANRXB
3
I
CAN-B receive
EPWM11B
5
O
Enhanced PWM11 output B
SD1_C3
7
I
Sigma-Delta 1 channel 3 clock input
UPP-CLK
15
I/O
Universal parallel port transmit clock
GPIO22
0, 4, 8, 12
J4
22
–
I/O
General-purpose input/output 22
EQEP1S
1
I/O
Enhanced QEP1 strobe
MCLKXA
2
I/O
McBSP-A transmit clock
SCITXDB
3
O
SCI-B transmit data
EPWM12A
5
O
Enhanced PWM12 output A
SPICLKB
6
I/O
SPI-B clock
SD1_D4
7
I
Sigma-Delta 1 channel 4 data input
GPIO23
0, 4, 8, 12
K4
23
–
I/O
General-purpose input/output 23
EQEP1I
1
I/O
Enhanced QEP1 index
MFSXA
2
I/O
McBSP-A transmit frame synch
SCIRXDB
3
I
SCI-B receive data
EPWM12B
5
O
Enhanced PWM12 output B
SPISTEB
6
I/O
SPI-B slave transmit enable
SD1_C4
7
I
Sigma-Delta 1 channel 4 clock input
GPIO24
0, 4, 8, 12
K3
24
–
I/O
General-purpose input/output 24
OUTPUTXBAR1
1
O
Output 1 of the output XBAR
EQEP2A
2
I
Enhanced QEP2 input A
MDXB
3
O
McBSP-B transmit serial data
SPISIMOB
6
I/O
SPI-B slave in, master out
SD2_D1
7
I
Sigma-Delta 2 channel 1 data input
GPIO25
0, 4, 8, 12
K2
25
–
I/O
General-purpose input/output 25
OUTPUTXBAR2
1
O
Output 2 of the output XBAR
EQEP2B
2
I
Enhanced QEP2 input B
MDRB
3
I
McBSP-B receive serial data
SPISOMIB
6
I/O
SPI-B slave out, master in
SD2_C1
7
I
Sigma-Delta 2 channel 1 clock input
TMS320F28379D, TMS320F28379D-Q1, TMS320F28378D, TMS320F28377D
TMS320F28377D-Q1, TMS320F28376D, TMS320F28375D, TMS320F28374D
SPRS880O – DECEMBER 2013 – REVISED FEBRUARY 2021
www.ti.com
22
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMS320F28379D TMS320F28379D-Q1 TMS320F28378D TMS320F28377D
TMS320F28377D-Q1 TMS320F28376D TMS320F28375D TMS320F28374D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com