Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6521 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # EM6521
Description  4 bit Microcontroller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

EM6521 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button EM6521 Datasheet HTML 17Page - List of Unclassifed Manufacturers EM6521 Datasheet HTML 18Page - List of Unclassifed Manufacturers EM6521 Datasheet HTML 19Page - List of Unclassifed Manufacturers EM6521 Datasheet HTML 20Page - List of Unclassifed Manufacturers EM6521 Datasheet HTML 21Page - List of Unclassifed Manufacturers EM6521 Datasheet HTML 22Page - List of Unclassifed Manufacturers EM6521 Datasheet HTML 23Page - List of Unclassifed Manufacturers EM6521 Datasheet HTML 24Page - List of Unclassifed Manufacturers EM6521 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 68 page
background image
R
EM6521
Copyright © 2005, EM Microelectronic-Marin SA
21
www.emmicroelectronic.com
6.6 Port Serial
The EM6521 contains a simple, half duplex three wire synchronous type serial interface., which can be used to
program or read an external EEPROM, ADC, ... etc.
For data reception, a shift-register converts the serial input data on the SIN(PSP[0]) terminal to a parallel
format, which is subsequently read by the CPU in registers RegSDataL and RegSDataH for low and high
nibble. To transmit data, the CPU loads data into the shift register, which then serializes it on the
SOUT(PSP[2]) terminal. It is possible for the shift register to simultaneously shift data out on the SOUT
terminal and shift data on the SIN terminal. In Master mode, the shifting clock is supplied internally by the
Prescaler : one of three prescaler frequencies are available, Ck[16], Ck[15] or Ck[14]. In Slave mode, the
shifting clock is supplied externally on the SCLKIn(PSP[3]) terminal. In either mode, it is possible to program :
the shifting edge, shift MSB first or LSB first and direct shift output. All these selection are done in register
RegSCntl1 and RegSCntl2.
Figure 13. Serial Interface Architecture
The PSP[3..0] terminal configuration is shown in
117H
Figure 14. When the Serial Interface is active then :
∗ PSP[1] {Ready / CS) is outputting the ready (slave mode) or the CS signal (master mode).
∗ PSP[2] {SOUT} is always an output.
∗ PSP[0] {SIN} is always an input.
∗ PSP[3] {SCLK} is an output for Master mode {SCLKOut} and an input for Slave mode {SCLKIn}
6.6.1 4-bit Parallel I/O
Selecting OM[1],OM[0] = ‘1’ in register RegSCntl2 the PSP[3:0] terminals are configured as a 4-bit Output.
Output data is stored in the register RegSPData .
The RegSPData is defined as a read/write register, but what is read is not the register output, but the port
PSP[3:0] terminal values
Selecting OM[1],OM[0] = ‘0’ in register RegSCntl2 the PSP[3:0] outputs are cut off (tristate). The terminals
can be used as inputs with individual (bit-wise) pull-up or pull-down settings.
Independent of the selected configuration, the PSP[3:0] terminal levels are always readable.
Shift Complete
(8th Shift Clock)
8 Bit Shift Register
Serial Input Data
from SIN
terminal
IRQSerial
Serial Output Data
to SOUT Terminal
Serial Master Clock Output
SCLKOut to SCLK Terminal
Internal Master Clock Source
(from Prescaler)
M
U
X
External Slave Clock Source
(SCLKIn from SCLK terminal)
Mode
Start Direct MSB/LSB
Status
Shift
First
Control Logic
Clock
Enable
Shift CK
Status to
CS/ Ready
Terminal
Control
&
Status
Registers
Reset
Start
Write
Read
Tx
Rx
4-Bit Internal Data Bus
High-Z to all
SP[3:0] Terminals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com