Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6521 Datasheet(PDF) 45 Page - List of Unclassifed Manufacturers

Part # EM6521
Description  4 bit Microcontroller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

EM6521 Datasheet(HTML) 45 Page - List of Unclassifed Manufacturers

Back Button EM6521 Datasheet HTML 41Page - List of Unclassifed Manufacturers EM6521 Datasheet HTML 42Page - List of Unclassifed Manufacturers EM6521 Datasheet HTML 43Page - List of Unclassifed Manufacturers EM6521 Datasheet HTML 44Page - List of Unclassifed Manufacturers EM6521 Datasheet HTML 45Page - List of Unclassifed Manufacturers EM6521 Datasheet HTML 46Page - List of Unclassifed Manufacturers EM6521 Datasheet HTML 47Page - List of Unclassifed Manufacturers EM6521 Datasheet HTML 48Page - List of Unclassifed Manufacturers EM6521 Datasheet HTML 49Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 68 page
background image
R
EM6521
Copyright © 2005, EM Microelectronic-Marin SA
45
www.emmicroelectronic.com
12 Strobe Output
The Strobe output is used to indicate either the EM6521 reset condition, a write operation on port B (WritePB)
or the sleep mode. The selection is done in register RegLcdCntl1. Per default, the reset condition is output on
the Strobe terminal.
For a port B write operation the strobe signal goes high for half a system clock period. Data can be latched on
the falling edge of the strobe signal. This function is used to indicate when data on port B output terminals is
changing.
The reset signal on the Strobe output is a copy of the internal CPU reset signal. The Strobe pin remains active
high as long as the CPU gets the reset.
Both the reset condition and the port B write operation can be output simultaneously on the Strobe pin.
The strobe output select latches are reset by initial power on reset only.
Table 11.1.1. Strobe Output Selection
StrobeOutSel1
StrobeOutSel0
Strobe
Terminal
Output
0
0
System
Reset
0
1
System Reset
and
WritePB
1
0
WritePB
1
1
Sleep
12.1 Strobe Register
Table 12.1.1 Register RegLCDCntl1
Bit
Name
power on
value
R/W
Description
3
StrobeOutSel1
0
R/W
Strobe output select
2
StrobeOutSel0
0
R/W
Strobe output select
1
CkTripSel1
0
R/W
LCD multiplier clock select
0
CkTripSel0
0
R/W
LCD multiplier clock select
The CKTripSel1, CKTripSel0 values are reset with every system reset.
Figure 33 . Strobe Output
Reset, WritePB
StrobeOutSel1
StrobeOutSel0
Sleep
WritePB
Reset
3
01
2
1
0
Terminal
Strobe



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com