Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LS32NSRG4 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LS32NSRG4
Description  QUADRUPLE 2-INPUT POSITIVE OR GATES
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LS32NSRG4 Datasheet(HTML) 15 Page - Texas Instruments

Back Button SN74LS32NSRG4 Datasheet HTML 11Page - Texas Instruments SN74LS32NSRG4 Datasheet HTML 12Page - Texas Instruments SN74LS32NSRG4 Datasheet HTML 13Page - Texas Instruments SN74LS32NSRG4 Datasheet HTML 14Page - Texas Instruments SN74LS32NSRG4 Datasheet HTML 15Page - Texas Instruments SN74LS32NSRG4 Datasheet HTML 16Page - Texas Instruments SN74LS32NSRG4 Datasheet HTML 17Page - Texas Instruments SN74LS32NSRG4 Datasheet HTML 18Page - Texas Instruments SN74LS32NSRG4 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
www.ti.com
PACKAGE OUTLINE
C
14X .008-.014
[0.2-0.36]
TYP
-15
0
AT GAGE PLANE
-.314
.308
-7.97
7.83
[
]
14X
-.026
.014
-0.66
0.36
[
]
14X
-.065
.045
-1.65
1.15
[
]
.2 MAX TYP
[5.08]
.13 MIN TYP
[3.3]
TYP
-.060
.015
-1.52
0.38
[
]
4X .005 MIN
[0.13]
12X .100
[2.54]
.015
GAGE PLANE
[0.38]
A
-.785
.754
-19.94
19.15
[
]
B
-.283
.245
-7.19
6.22
[
]
CDIP - 5.08 mm max height
J0014A
CERAMIC DUAL IN LINE PACKAGE
4214771/A 05/2017
NOTES:
1. All controlling linear dimensions are in inches. Dimensions in brackets are in millimeters. Any dimension in brackets or parenthesis are for
reference only. Dimensioning and tolerancing per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. This package is hermitically sealed with a ceramic lid using glass frit.
4. Index point is provided on cap for terminal identification only and on press ceramic glass frit seal only.
5. Falls within MIL-STD-1835 and GDIP1-T14.
7
8
14
1
PIN 1 ID
(OPTIONAL)
SCALE 0.900
SEATING PLANE
.010 [0.25] C A B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com