Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LS32NSRG4 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LS32NSRG4
Description  QUADRUPLE 2-INPUT POSITIVE OR GATES
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LS32NSRG4 Datasheet(HTML) 23 Page - Texas Instruments

Back Button SN74LS32NSRG4 Datasheet HTML 16Page - Texas Instruments SN74LS32NSRG4 Datasheet HTML 17Page - Texas Instruments SN74LS32NSRG4 Datasheet HTML 18Page - Texas Instruments SN74LS32NSRG4 Datasheet HTML 19Page - Texas Instruments SN74LS32NSRG4 Datasheet HTML 20Page - Texas Instruments SN74LS32NSRG4 Datasheet HTML 21Page - Texas Instruments SN74LS32NSRG4 Datasheet HTML 22Page - Texas Instruments SN74LS32NSRG4 Datasheet HTML 23Page - Texas Instruments SN74LS32NSRG4 Datasheet HTML 24Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
MECHANICAL DATA
MSSO002E – JANUARY 1995 – REVISED DECEMBER 2001
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
DB (R-PDSO-G**)
PLASTIC SMALL-OUTLINE
4040065 /E 12/01
28 PINS SHOWN
Gage Plane
8,20
7,40
0,55
0,95
0,25
38
12,90
12,30
28
10,50
24
8,50
Seating Plane
9,90
7,90
30
10,50
9,90
0,38
5,60
5,00
15
0,22
14
A
28
1
20
16
6,50
6,50
14
0,05 MIN
5,90
5,90
DIM
A MAX
A MIN
PINS **
2,00 MAX
6,90
7,50
0,65
M
0,15
0
°–8°
0,10
0,09
0,25
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion not to exceed 0,15.
D. Falls within JEDEC MO-150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com