Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LS32NSRG4 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LS32NSRG4
Description  QUADRUPLE 2-INPUT POSITIVE OR GATES
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LS32NSRG4 Datasheet(HTML) 16 Page - Texas Instruments

Back Button SN74LS32NSRG4 Datasheet HTML 12Page - Texas Instruments SN74LS32NSRG4 Datasheet HTML 13Page - Texas Instruments SN74LS32NSRG4 Datasheet HTML 14Page - Texas Instruments SN74LS32NSRG4 Datasheet HTML 15Page - Texas Instruments SN74LS32NSRG4 Datasheet HTML 16Page - Texas Instruments SN74LS32NSRG4 Datasheet HTML 17Page - Texas Instruments SN74LS32NSRG4 Datasheet HTML 18Page - Texas Instruments SN74LS32NSRG4 Datasheet HTML 19Page - Texas Instruments SN74LS32NSRG4 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
ALL AROUND
[0.05]
MAX
.002
.002 MAX
[0.05]
ALL AROUND
SOLDER MASK
OPENING
METAL
(.063)
[1.6]
(R.002 ) TYP
[0.05]
14X (
.039)
[1]
(
.063)
[1.6]
12X (.100 )
[2.54]
(.300 ) TYP
[7.62]
CDIP - 5.08 mm max height
J0014A
CERAMIC DUAL IN LINE PACKAGE
4214771/A 05/2017
LAND PATTERN EXAMPLE
NON-SOLDER MASK DEFINED
SCALE: 5X
SEE DETAIL A
SEE DETAIL B
SYMM
SYMM
1
7
8
14
DETAIL A
SCALE: 15X
SOLDER MASK
OPENING
METAL
DETAIL B
13X, SCALE: 15X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com