Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP3564 Datasheet(PDF) 8 Page - Microchip Technology

Part # MCP3564
Description  Two/Four/Eight-Channel, 153.6 ksps, Low-Noise 24-Bit Delta-Sigma ADCs
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3564 Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCP3564 Datasheet HTML 4Page - Microchip Technology MCP3564 Datasheet HTML 5Page - Microchip Technology MCP3564 Datasheet HTML 6Page - Microchip Technology MCP3564 Datasheet HTML 7Page - Microchip Technology MCP3564 Datasheet HTML 8Page - Microchip Technology MCP3564 Datasheet HTML 9Page - Microchip Technology MCP3564 Datasheet HTML 10Page - Microchip Technology MCP3564 Datasheet HTML 11Page - Microchip Technology MCP3564 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 108 page
background image
MCP3561/2/4
DS20006181C-page 8
 2019-2021 Microchip Technology Inc.
Integral Nonlinearity
(Note 7)
INL
-10
—
+10
ppm FSR Gain = 0.33x (Note 2)
-7
—
+7
Gain = 1x (Note 2)
-7
—
+7
Gain = 2x (Note 2)
-10
—
+10
Gain = 4x (Note 2)
-20
—
+20
Gain = 8x (Note 2)
-32
—
+32
Gain = 16x (Note 2)
AVDD Power Supply
Rejection Ratio
DC PSRR
—
-76 – 20 x
LOG (Gain)
—dB
DVDD Power Supply
Rejection Ratio
DC PSRR
—
-110
—
dB
DVDD varies from 1.8V to 3.6V,
VIN =0V
DC Common-Mode
Rejection Ratio
DC CMRR
—
-126
—
dB
VINCOM varies from 0V to AVDD,
VIN =0V
AC Performance
Signal-to-Noise and
Distortion Ratio
SINAD
105.8
106.7
—
dB
AVDD =DVDD =VREF =3.3V
and TA =+25°C (Note 2)
Signal-to-Noise Ratio
SNR
106.7
107.2
—
dBc
AVDD =DVDD =VREF =3.3V
and TA =+25°C (Note 2)
Total Harmonic Distortion
THD
—
-116
-111
dB
AVDD =DVDD =VREF =3.3V
and TA = +25°C, includes the
first ten harmonics (Note 2)
Spurious-Free Dynamic
Range
SFDR
110
120
—
dBc
AVDD =DVDD =VREF =3.3V
and TA =+25°C (Note 2)
Input Channel Crosstalk
CTALK
—
-130
—
dB
VIN = 0V, Perturbation= 0dB at
50 Hz, applies to all perturbation
channels and all input channels
AC Power Supply
Rejection Ratio
AC PSRR
—
-75 – 20 x
LOG (Gain)
—dB
VIN =0V, DVDD =3.3V,
AVDD = 3.3V + 0.3 VP, 50 Hz
AC Common-Mode
Rejection Ratio
AC CMRR
—
-122
—
dB
VINCOM = 0 dB at 50 Hz,
VIN =0V
ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Specifications: Unless otherwise indicated, all parameters apply at AVDD = 2.7V to 3.6V, DVDD = 1.8V to AVDD +0.1V,
MCLK = 4.9152 MHz, VREF =AVDD, ADC_MODE[1:0] = 11. All other register map bits to their default conditions,
TA = -40°C to +125°C, VIN = -0.5 dBFS at 50 Hz.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Note 1:
This parameter is ensured by design and not 100% tested.
2:
This parameter is ensured by characterization and not 100% tested.
3:
REFIN- must be connected to ground for single-ended measurements.
4:
Full-Scale Range (FSR) = 2 x VREF/GAIN.
5:
This input impedance is due to the internal input sampling capacitor and frequency. This impedance is measured
between the two input pins of the channel selected with the input multiplexer.
6:
Applies to all analog gains. Offset and gain errors depend on analog gain settings. See Section 2.0 “Typical
Performance Curves”.
7:
INL is the difference between the endpoints line and the measured code at the center of the quantization band.
8:
DIDD is measured while no transfer is present on the SPI bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com