Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP3564 Datasheet(PDF) 98 Page - Microchip Technology

Part # MCP3564
Description  Two/Four/Eight-Channel, 153.6 ksps, Low-Noise 24-Bit Delta-Sigma ADCs
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3564 Datasheet(HTML) 98 Page - Microchip Technology

Back Button MCP3564 Datasheet HTML 94Page - Microchip Technology MCP3564 Datasheet HTML 95Page - Microchip Technology MCP3564 Datasheet HTML 96Page - Microchip Technology MCP3564 Datasheet HTML 97Page - Microchip Technology MCP3564 Datasheet HTML 98Page - Microchip Technology MCP3564 Datasheet HTML 99Page - Microchip Technology MCP3564 Datasheet HTML 100Page - Microchip Technology MCP3564 Datasheet HTML 101Page - Microchip Technology MCP3564 Datasheet HTML 102Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 108 page
background image
MCP3561/2/4
DS20006181C-page 98
 2019-2021 Microchip Technology Inc.
RECOMMENDED LAND PATTERN
Dimension Limits
Units
C2
Optional Center Pad Width
Contact Pad Spacing
Optional Center Pad Length
Contact Pitch
Y2
X2
1.80
1.80
MILLIMETERS
0.40 BSC
MIN
E
MAX
3.00
Contact Pad Length (X20)
Contact Pad Width (X20)
Y1
X1
0.80
0.20
Microchip Technology Drawing C04-2264A
NOM
SILK SCREEN
1
2
20
C1
C2
E
X1
Y1
G1
Y2
X2
C1
Contact Pad Spacing
3.00
Contact Pad to Center Pad (X20)
G1
0.20
Thermal Via Diameter
V
Thermal Via Pitch
EV
0.30
1.00
ØV
EV
EV
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Notes:
Dimensioning and tolerancing per ASME Y14.5M
For best soldering results, thermal vias, if used, should be filled or tented to avoid solder loss during
reflow process
1.
2.
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
20-Lead Ultra Thin Plastic Quad Flat, No Lead Package
- 3x3 mm Body [UQFN]
(Formerly Q3DE; SST Legacy Package)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com