Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP3564 Datasheet(PDF) 83 Page - Microchip Technology

Part # MCP3564
Description  Two/Four/Eight-Channel, 153.6 ksps, Low-Noise 24-Bit Delta-Sigma ADCs
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3564 Datasheet(HTML) 83 Page - Microchip Technology

Back Button MCP3564 Datasheet HTML 79Page - Microchip Technology MCP3564 Datasheet HTML 80Page - Microchip Technology MCP3564 Datasheet HTML 81Page - Microchip Technology MCP3564 Datasheet HTML 82Page - Microchip Technology MCP3564 Datasheet HTML 83Page - Microchip Technology MCP3564 Datasheet HTML 84Page - Microchip Technology MCP3564 Datasheet HTML 85Page - Microchip Technology MCP3564 Datasheet HTML 86Page - Microchip Technology MCP3564 Datasheet HTML 87Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 108 page
background image
 2019-2021 Microchip Technology Inc.
DS20006181C-page 83
MCP3561/2/4
8.2
CONFIG0 Register
Name
Bits
Address
Cof
CONFIG0
8
0x1
R/W
REGISTER 8-2:
CONFIG0: CONFIGURATION REGISTER 0
R/W-1
R/W-1
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
CONFIG0[7:6]
CLK_SEL[1:0]
CS_SEL[1:0]
ADC_MODE[1:0]
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-6
CONFIG0[7:6]: Full Shutdown Mode Enable
These bits are writable but have no effect except that they force Full Shutdown mode when they are
set to ‘00’ and when all other CONFIG0 bits are set to ‘0’.
bit 5-4
CLK_SEL[1:0]: Clock Selection
11 = Internal clock is selected and AMCLK is present on the analog master clock output pin
10 = Internal clock is selected and no clock output is present on the CLK pin
01 = External digital clock
00 = External digital clock (default)
bit 3-2
CS_SEL[1:0]: Current Source/Sink Selection Bits for Sensor Bias (source on VIN+/sink on VIN-)
11 = 15 µA is applied to the ADC inputs
10 = 3.7 µA is applied to the ADC inputs
01 = 0.9 µA is applied to the ADC inputs
00 = No current source is applied to the ADC inputs (default)
bit 1-0
ADC_MODE[1:0]: ADC Operating Mode Selection
11 = ADC Conversion mode
10 = ADC Standby mode
01 = ADC Shutdown mode
00 = ADC Shutdown mode (default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com