Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP3564 Datasheet(PDF) 43 Page - Microchip Technology

Part # MCP3564
Description  Two/Four/Eight-Channel, 153.6 ksps, Low-Noise 24-Bit Delta-Sigma ADCs
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3564 Datasheet(HTML) 43 Page - Microchip Technology

Back Button MCP3564 Datasheet HTML 39Page - Microchip Technology MCP3564 Datasheet HTML 40Page - Microchip Technology MCP3564 Datasheet HTML 41Page - Microchip Technology MCP3564 Datasheet HTML 42Page - Microchip Technology MCP3564 Datasheet HTML 43Page - Microchip Technology MCP3564 Datasheet HTML 44Page - Microchip Technology MCP3564 Datasheet HTML 45Page - Microchip Technology MCP3564 Datasheet HTML 46Page - Microchip Technology MCP3564 Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 108 page
background image
 2019-2021 Microchip Technology Inc.
DS20006181C-page 43
MCP3561/2/4
When DATA_FORMAT[1:0] = 1x, the ADC data are
represented on 25 bits. For these two data formats, the
output register is 32 bits long. With these two data
formats, the coding allows overrange; the equivalent
analog input range is [-2 x VREF, +2 x VREF – 1 LSb].
When VIN * Gain > 2VREF – 1 LSb, the 25-bit ADC code
(SGN+DATA[23:0]) will saturate and be locked at
0x0FFFFFF. When VIN * Gain < -2VREF, the 24-bit ADC
code will saturate and be locked at 0x1000000. Using
these data formats allows a correct evaluation of the
full-scale errors in case of a positive full-scale error,
since they allow inputs that can be greater than VREF or
less than -VREF.
The ADC accuracy is not maintained on the full
extended [-2 x VREF, +2 x VREF – 1 LSb] range, but only
on a smaller range, which is approximately equal to
±1.05 x VREF. This overrange can be useful in high-side
measurements and gain error cancellation algorithms.
The overrange-capable formatting on 25 bits is fully
compatible with the standard code locked formatting on
24 bits; both coding formats will produce the same
24-bit codes for the [-VREF; +VREF – 1 LSb] range and
the MSb on the 25-bit coding can be considered as a
simple Sign bit extension.
When
DATA_FORMAT[1:0]
=
10,
the
25-bit
(24-bit + SGN) value is right justified. The first byte of
the 32-bit ADC output code will repeat the Sign bit
(SGN).
In DATA_FORMAT[1:0] = 11, the output code is similar
to the one in DATA_FORMAT[1:0] = 10. The only differ-
ence resides in the four MSbs of the first byte, which
are no longer repeats of the Sign bit (SGN). They are
the Channel ID data (CH_ID[3:0]) that are defined in
Table 5-14. This CH_ID[3:0] word can be used to verify
that the right channel has been converted to SCAN
mode and can serve easy data retrieval and logging
(see Section 5.14 “SCAN Mode” for more details
about the SCAN mode). In MUX mode, this 4-bit word
is defaulted to ‘0000’ and does not vary with the
MUX[7:0] selection. This format is useful for 32-bit
MCU applications.
TABLE 5-7:
DATA_FORMAT[1:0] = 0x (24-BIT CODING)
Equivalent Input
Voltage
ADC Output Code (SGN + DATA[22:0])
Hexadecimal
Decimal
>VREF –1 LSb
011111111111111111111111
0x7FFFFF
+8388607
VREF –2 LSbs
011111111111111111111110
0x7FFFFE
+8388606
1LSb
000000000000000000000001
0x000001
+1
0
000000000000000000000000
0x000000
0
-1 LSb
111111111111111111111111
0xFFFFFF
-1
-VREF + 1 LSb
100000000000000000000001
0xFFFFFF
-8388607
<-VREF
100000000000000000000000
0x800000
-8388608
TABLE 5-8:
DATA_FORMAT[1:0] = 1x (25-BIT CODING)
Equivalent Input
Voltage
ADC Output Code (SGN + DATA[21:0])
Hexadecimal
Decimal
>2 VREF –1 LSb
0111111111111111111111111
0x0FFFFFF
+16777215
2VREF –2 LSbs
0111111111111111111111110
0x0FFFFFE
+16777214
VREF +1 LSb
0100000000000000000000001
0x0800001
+8388609
VREF
0100000000000000000000000
0x0800000
+8388608
VREF –1 LSb
0011111111111111111111111
0x07FFFFF
+8388607
VREF –2 LSbs
0011111111111111111111110
0x07FFFFE
+8388606
1LSb
0000000000000000000000001
0x0000001
+1
0
0000000000000000000000000
0x0000000
0
-1 LSb
1111111111111111111111111
0x1FFFFFF
-1
-VREF +1 LSb
1100000000000000000000001
0x1800001
-8388607
-VREF
1100000000000000000000000
0x1800000
-8388608
-VREF –1 LSb
1011111111111111111111111
0x17FFFFF
-8388609
-2VREF –1 LSb
1000000000000000000000001
0x1000001
-16777215
<-2 VREF
1000000000000000000000000
0x1000000
-16777216



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com