| Electronic Components Datasheet Search |
|
MCP3564 Datasheet(PDF) 85 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP3564 Datasheet(HTML) 85 Page - Microchip Technology |
|
85 / 108 page ![]() 2019-2021 Microchip Technology Inc. DS20006181C-page 85 MCP3561/2/4 8.4 CONFIG2 Register Name Bits Address Cof CONFIG2 8 0x3 R/W REGISTER 8-4: CONFIG2: CONFIGURATION REGISTER 2 R/W-1 R/W-0 R/W-0 R/W-0 R/W-1 R/W-0 R/W-1 R/W-1 BOOST[1:0] GAIN[2:0] AZ_MUX RESERVED[1:0] bit 7 bit 0 Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ -n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown bit 7-6 BOOST[1:0]: ADC Bias Current Selection 11 = ADC channel has current x 2 10 = ADC channel has current x 1 (default) 01 = ADC channel has current x 0.66 00 = ADC channel has current x 0.5 bit 5-3 GAIN[2:0]: ADC Gain Selection 111 = Gain is x64 (x16 analog, x4 digital) 110 = Gain is x32 (x16 analog, x2 digital) 101 = Gain is x16 100 = Gain is x8 011 = Gain is x4 010 = Gain is x2 001 = Gain is x1 (default) 000 = Gain is x1/3 bit 2 AZ_MUX: Auto-Zeroing MUX Setting 1 = ADC auto-zeroing algorithm is enabled. This setting multiplies the conversion time by two and does not allow Continuous Conversion mode operation (which is then replaced by a series of consecutive One-Shot mode conversions). 0 = Analog input multiplexer auto-zeroing algorithm is disabled (default) bit 1-0 RESERVED[1:0]: Should always be equal to ‘11’ |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |