Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2EDN752X Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # 2EDN752X
Description  EiceDRIVER?
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

2EDN752X Datasheet(HTML) 4 Page - Infineon Technologies AG

  2EDN752X Datasheet HTML 1Page - Infineon Technologies AG 2EDN752X Datasheet HTML 2Page - Infineon Technologies AG 2EDN752X Datasheet HTML 3Page - Infineon Technologies AG 2EDN752X Datasheet HTML 4Page - Infineon Technologies AG 2EDN752X Datasheet HTML 5Page - Infineon Technologies AG 2EDN752X Datasheet HTML 6Page - Infineon Technologies AG 2EDN752X Datasheet HTML 7Page - Infineon Technologies AG 2EDN752X Datasheet HTML 8Page - Infineon Technologies AG 2EDN752X Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
Data Sheet
4
Rev.2.5
2018-04-20
EiceDRIVER™
2EDN752x / 2EDN852x
Product Versions
1
Product Versions
The 2EDN752x / 2EDN852x are available in 2 different logic, 2 different undervoltage lockout and 3 package
versions.
Table 1
Product Versions
Package
Type.
UVLO
Control Input Part Number
IC Topside
Marking Code
PG-DSO-8-60
4.2V
direct
2EDN7524F
2N7524AF
EiceDRIV
XXHYYWW
inverted
2EDN7523F
2N7523AF
EiceDRIV
XXHYYWW
8V
direct
2EDN8524F
2N8524AF
EiceDRIV
XXHYYWW
inverted
2EDN8523F
2N8523AF
EiceDRIV
XXHYYWW
PG-TSSOP-8-1
4.2V
direct
2EDN7524R
2N7524
AR_XXX
HYYWW
inverted
2EDN7523R
2N7523
AR_XXX
HYYWW
8V
direct
2EDN8524R
2N8524
AR_XXX
HYYWW
inverted
2EDN8523R
2N8523
AR_XXX
HYYWW
PG-WSON-8-3
4.2V
direct
2EDN7524G
2N7524
AG_XXX
HYYWW
inverted
2EDN7523G
2N7523
AG_XXX
HYYWW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com