Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2EDN752X Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # 2EDN752X
Description  EiceDRIVER?
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

2EDN752X Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button 2EDN752X Datasheet HTML 17Page - Infineon Technologies AG 2EDN752X Datasheet HTML 18Page - Infineon Technologies AG 2EDN752X Datasheet HTML 19Page - Infineon Technologies AG 2EDN752X Datasheet HTML 20Page - Infineon Technologies AG 2EDN752X Datasheet HTML 21Page - Infineon Technologies AG 2EDN752X Datasheet HTML 22Page - Infineon Technologies AG 2EDN752X Datasheet HTML 23Page - Infineon Technologies AG 2EDN752X Datasheet HTML 24Page - Infineon Technologies AG 2EDN752X Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
Data Sheet
21
Rev.2.5
2018-04-20
EiceDRIVER™
2EDN752x / 2EDN852x
Typical Characteristics
Figure 14 Propagation delay (INx) on different input logic levels (see Figure 6)
Figure 15 Propagation delay (ENx) on different input logic levels (see Figure 6)
12.5
15
17.5
20
22.5
25
-50
0
50
100
150
T junction [°C]
VINx to OUTx PROPAGATION DELAY
vs
TEMPERATURE
typ input rise-up
typ input fall-down
VDD=12V
Input 5V
15
17.5
20
22.5
25
-50
0
50
100
150
T junction [°C]
VINx to OUTx PROPAGATION DELAY
vs
TEMPERATURE
typ input rise-up
typ input fall-down
VDD=12V
Input 3.3V
15
17.5
20
22.5
25
-50
0
50
100
150
T junction [°C]
VENx to OUTx PROPAGATION DELAY
vs
TEMPERATURE
typ input rise-up
typ input fall-down
VDD=12V
Enable 5V
VDD=12V
Enable 5V
15
17.5
20
22.5
25
-50
0
50
100
150
T junction [°C]
VINx to OUTx PROPAGATION DELAY
vs
TEMPERATURE
typ input rise-up
typ input fall-down
VDD=12V
Input 3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com