Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2EDN752X Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # 2EDN752X
Description  EiceDRIVER?
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

2EDN752X Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button 2EDN752X Datasheet HTML 9Page - Infineon Technologies AG 2EDN752X Datasheet HTML 10Page - Infineon Technologies AG 2EDN752X Datasheet HTML 11Page - Infineon Technologies AG 2EDN752X Datasheet HTML 12Page - Infineon Technologies AG 2EDN752X Datasheet HTML 13Page - Infineon Technologies AG 2EDN752X Datasheet HTML 14Page - Infineon Technologies AG 2EDN752X Datasheet HTML 15Page - Infineon Technologies AG 2EDN752X Datasheet HTML 16Page - Infineon Technologies AG 2EDN752X Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
Data Sheet
13
Rev.2.5
2018-04-20
EiceDRIVER™
2EDN752x / 2EDN852x
Characteristics
5
Characteristics
The absolute maximum ratings are listed in Table 6. Stresses beyond these values may cause permanent damage
to the device. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
5.1
Absolute Maximum Ratings
5.2
Thermal Characteristics
Table 6
Absolute Maximum Ratings
Parameter
Symbol
Values
Unit
Note or Test Condition
Min.
Typ.
Max.
Positive supply voltage
VVDD
-0.3
22
V
Voltage at pins INA, INB, ENA,
ENB
VIN
-10
22
V
Voltage at pins OUTA, OUTB
VOUT
-0.3
VVDD+0.3 V
Note1)
1) Voltage spikes resulting from reverse current peaks are allowed.
-2
VVDD+0.3 V
Repetitive pulse <200ns2)
2) Values are verified by characterization on bench.
Reverse current peak at pins
OUTA, OUTB
ISNKREV
ISRCREV
-5
5
Apk
< 500ns
Junction temperature
TJ
-40
150
°C
Storage temperature
TS
-55
150
°C
ESD capability
VESD
1.5
kV
Charged Device Mode
(CDM) 3)
3) According to JESD22-C101
ESD capability
VESD
2.5
kV
Human Body Model
(HBM) 4)
4) According to JESD22-A114
Table 7
Thermal Characteristics
Parameter
Symbol
Values
Unit
Note or Test Condition
Min.
Typ.
Max.
Thermal resistance junction-
ambient 1)
RthJA25
125
K/W
PG-DSO-8-60, Tamb=25°C
Thermal resistance junction-
case (top) 2)
RthJC25
66
K/W
PG-DSO-8-60, Tamb=25°C
Thermal resistance junction-
board 3)
RthJB25
62
K/W
PG-DSO-8-60, Tamb=25°C
Characterization parameter
junction-top 4)
Ψ
thJC25
16
K/W
PG-DSO-8-60, Tamb=25°C
Characterization parameter
junction-board 5)
Ψ
thJB25
55
K/W
PG-DSO-8-60, Tamb=25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com