Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTST-008EGSW Datasheet(PDF) 4 Page - Lite-On Technology Corporation

Part # LTST-008EGSW
Description  SMD LED
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTST-008EGSW Datasheet(HTML) 4 Page - Lite-On Technology Corporation

  LTST-008EGSW Datasheet HTML 1Page - Lite-On Technology Corporation LTST-008EGSW Datasheet HTML 2Page - Lite-On Technology Corporation LTST-008EGSW Datasheet HTML 3Page - Lite-On Technology Corporation LTST-008EGSW Datasheet HTML 4Page - Lite-On Technology Corporation LTST-008EGSW Datasheet HTML 5Page - Lite-On Technology Corporation LTST-008EGSW Datasheet HTML 6Page - Lite-On Technology Corporation LTST-008EGSW Datasheet HTML 7Page - Lite-On Technology Corporation LTST-008EGSW Datasheet HTML 8Page - Lite-On Technology Corporation LTST-008EGSW Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
3/12
Part No. : LTST-008EGSW
BNS-OD-FC002/A4
SMD LED
LTST-008EGSW
Notes:
1. Luminous intensity is measured with a light sensor and filter combination that approximates the
CIE eye-response curve.
2. Luminous Intensity (mcd) is for reference only.
3. θ1/2 is the off-axis angle at which the luminous intensity is half the axial luminous intensity.
4. The dominant wavelength, λd is derived from the CIE chromaticity diagram and represents the
single wavelength which defines the color of the device.
5. Reverse voltage (VR) condition is applied to IR test only. The device is not designed for reverse operation.
3.3 Electrical / Optical Characteristics at Ta=25°C
Parameter
Symbol
LTST-008EGSW
Test Condition
Unit.
Red
Green
Yellow
Luminous Flux1
Φv
Min.
1.12
1.12
0.45
R : IF = 20mA
G : IF = 5mA
Y : IF = 20mA
Note 1
lm
Typ.
-
-
-
Max.
4.50
4.50
1.80
Luminous Intensity
IV
Min.
280.0
280.0
112.0
R : IF = 20mA
G : IF = 5mA
Y : IF = 20mA
Note 2
mcd
Typ.
-
-
-
Max.
1120.0
1120.0
450.0
Viewing Angle
2
θ1/2
Typ.
120
Note 3
(Fig.5)
deg
Peak Emission Wavelength
λP
Typ.
632
518
591
Measurement
@Peak (Fig.1)
nm
Dominant Wavelength4
λd
Min.
617
520
584.5
R : IF = 20mA
G : IF = 5mA
Y : IF = 20mA
Note 4
nm
Typ
-
-
-
Max.
630
540
594.5
Spectral Line Half-Width
∆λ
Typ.
15
30
15
-
nm
Forward Voltage
VF
Min.
1.7
2.4
1.8
R : IF = 20mA
G : IF = 5mA
Y : IF = 20mA
V
Typ.
-
-
-
Max.
2.6
3.2
2.6
Reverse Current
IR
Max.
10
10
10
VR = 5V
Note 5
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com