Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTST-008EGSW Datasheet(PDF) 3 Page - Lite-On Technology Corporation

Part # LTST-008EGSW
Description  SMD LED
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTST-008EGSW Datasheet(HTML) 3 Page - Lite-On Technology Corporation

  LTST-008EGSW Datasheet HTML 1Page - Lite-On Technology Corporation LTST-008EGSW Datasheet HTML 2Page - Lite-On Technology Corporation LTST-008EGSW Datasheet HTML 3Page - Lite-On Technology Corporation LTST-008EGSW Datasheet HTML 4Page - Lite-On Technology Corporation LTST-008EGSW Datasheet HTML 5Page - Lite-On Technology Corporation LTST-008EGSW Datasheet HTML 6Page - Lite-On Technology Corporation LTST-008EGSW Datasheet HTML 7Page - Lite-On Technology Corporation LTST-008EGSW Datasheet HTML 8Page - Lite-On Technology Corporation LTST-008EGSW Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
2/12
Part No. : LTST-008EGSW
BNS-OD-FC002/A4
SMD LED
LTST-008EGSW
3.2 Suggest IR Reflow Condition for Pb Free Process:
IR-Reflow Soldering Profile for lead free soldering (Acc. to J-STD-020B)
3. Rating and Characteristics
3.1 Absolute Maximum Ratings at Ta=25°C
Parameter
LTST-008EGSW
Unit
Red
Green
Yellow
Power Dissipation
78
64
78
mW
Peak Forward Current
(1/10 Duty Cycle, 0.1ms Pulse Width)
80
80
80
mA
DC Forward Current
30
20
30
mA
Operating Temperature Range
-40°C to + 85°C
Storage Temperature Range
-40°C to + 100°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com