Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTST-008EGSW Datasheet(PDF) 12 Page - Lite-On Technology Corporation

Part # LTST-008EGSW
Description  SMD LED
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTST-008EGSW Datasheet(HTML) 12 Page - Lite-On Technology Corporation

Back Button LTST-008EGSW Datasheet HTML 5Page - Lite-On Technology Corporation LTST-008EGSW Datasheet HTML 6Page - Lite-On Technology Corporation LTST-008EGSW Datasheet HTML 7Page - Lite-On Technology Corporation LTST-008EGSW Datasheet HTML 8Page - Lite-On Technology Corporation LTST-008EGSW Datasheet HTML 9Page - Lite-On Technology Corporation LTST-008EGSW Datasheet HTML 10Page - Lite-On Technology Corporation LTST-008EGSW Datasheet HTML 11Page - Lite-On Technology Corporation LTST-008EGSW Datasheet HTML 12Page - Lite-On Technology Corporation LTST-008EGSW Datasheet HTML 13Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
11/12
Part No. : LTST-008EGSW
BNS-OD-FC002/A4
SMD LED
LTST-008EGSW
8. Reliability Test
No.
Test item
Test condition
Reference standard
1
Resistance to soldering heat
Tsld = 260°C, 10sec.
3 times
JEITA ED-4701 300 301
2
Solderability
Tsld=245± 5°C
(Lead Free Solder, Coverage ≧ 95% of the
dipped surface)
JEITA ED-4701 300 303
3
Thermal Shock
85 ± 5°C ~ -30°C ± 5°C
30min
30min
100cycles
JEITA ED-4701 300 307
4
Temperature Cycle
-40°C ~ 25°C ~ 100°C ~ 25°C
30min
5min
30min
5min
100cycles
JEITA ED-4701 100 105
5
High Temperature Storage
100°C
1000hrs
JEITA ED- 4701 200 201
6
Low Temperature Storage
-40°C
1000hrs
JEITA ED-4 701 200 202
7
Temperature Humidity Storage
60°C/90%RH 300hrs
JEIT A ED-4701 100 103
8
Room temp life test
25°C, IF: Max current , 1000hrs
--
9. Others
The appearance and specifications of the product may be modified for improvement without prior notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com