Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF4372 Datasheet(PDF) 4 Page - Analog Devices

Part # ADF4372
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4372 Datasheet(HTML) 4 Page - Analog Devices

  ADF4372 Datasheet HTML 1Page - Analog Devices ADF4372 Datasheet HTML 2Page - Analog Devices ADF4372 Datasheet HTML 3Page - Analog Devices ADF4372 Datasheet HTML 4Page - Analog Devices ADF4372 Datasheet HTML 5Page - Analog Devices ADF4372 Datasheet HTML 6Page - Analog Devices ADF4372 Datasheet HTML 7Page - Analog Devices ADF4372 Datasheet HTML 8Page - Analog Devices ADF4372 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 47 page
background image
ADF4372
Data Sheet
Rev. 0 | Page 4 of 47
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
Output Dividers
Divider = 2
14
20
mA
Each divide by 2 consumes additional
typical 7 mA current
Divider = 64
50
65
mA
VCO Supply Voltage
VCC_VCO
3.15
3.3
3.45
V
3.3 V condition
4.75
5
5.25
V
5 V condition
VCO Supply Current
IVCO
80
120
mA
3.3 V condition
135
180
mA
5 V condition
RF8x Supply Current
RF8P and RF8N output stage is
programmable, extra current is drawn in
VCC_X1
25
mA
−4 dBm setting
39
mA
−1 dBm setting
52
mA
2 dBm setting
65
mA
5 dBm setting
RFAUX8x Supply Current
42
mA
−4 dBm setting
56
mA
−1 dBm setting
70
mA
2 dBm setting
84
mA
5 dBm setting
RF16x Supply Current
90
120
mA
Low Power Sleep Mode
5.1
6.2
mA
Hardware power-down 3.3 V VCO case
8
9.5
mA
Hardware power-down 5 V VCO case
21.5
25
mA
Software power-down 3.3 V VCO case
23.7
28
mA
Software power-down 5 V VCO case
RF OUTPUT CHARACTERISTICS
VCO Frequency Range
4000
8000
MHz
Fundamental VCO range
RF8P and RF8N Output Frequency
62.5
8000
MHz
RFAUX8P and RFAUX8N Output
Frequency
62.5
8000
MHz
RF16P and RF16N Output Frequency
8000
16000
MHz
2 × VCO output
VCO Sensitivity
KV
For 5 V
80
MHz/V
VCO frequency = 6 GHz, see Figure 33 for
KV plot
For 3.3 V
60
MHz/V
VCO frequency = 6 GHz, see Figure 34 for
KV plot
Frequency Pushing (Open-Loop)
8
MHz/V
Frequency Pulling (Open-Loop)
0.5
MHz
Voltage standing wave ratio (VSWR) = 2:1
RF8P and RF8N
30
MHz
VSWR = 2:1 RF16x
Maintain Lock Temperature Range2
125
°C
Maintains lock without reprogramming
device
Harmonic Content
Second Harmonic RF8P and RF8N
−25
dBc
Fundamental VCO output (RF8x)
−25
dBc
Divided VCO output (RF8x)
Third Harmonic RF8P and RF8N
−12
dBc
Fundamental VCO output RF8x)
−15
dBc
Divided VCO output (RF8x)
Second Harmonic RF16P and RF16N
−30
dBc
Measured at 20 GHz
Third Harmonic RF16P and RF16N
−30
dBc
Measured at 30 GHz
Fundamental VCO Feedthrough
−62
dBc
RF16x = 10 GHz, VCO frequency = 5 GHz
−30
dBc
RF8P and RF8N = 1 GHz,
VCO frequency = 4 GHz
RF Output Power Maximum Setting3
7
dBm
RF8P = 4 GHz, 7.5 nH inductor to VCC_X1
5
dBm
RF8P = 8 GHz, 7.5 nH inductor to VCC_X1
0
dBm
RF16x = 8 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com