Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF4372 Datasheet(PDF) 3 Page - Analog Devices

Part # ADF4372
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4372 Datasheet(HTML) 3 Page - Analog Devices

  ADF4372 Datasheet HTML 1Page - Analog Devices ADF4372 Datasheet HTML 2Page - Analog Devices ADF4372 Datasheet HTML 3Page - Analog Devices ADF4372 Datasheet HTML 4Page - Analog Devices ADF4372 Datasheet HTML 5Page - Analog Devices ADF4372 Datasheet HTML 6Page - Analog Devices ADF4372 Datasheet HTML 7Page - Analog Devices ADF4372 Datasheet HTML 8Page - Analog Devices ADF4372 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 47 page
background image
Data Sheet
ADF4372
Rev. 0 | Page 3 of 47
SPECIFICATIONS
4.75 V ≤ VCC_VCO ≤ 5.25 V, all other supply pins (AVDD) = 3.3 V ± 5%, GND = 0 V, dBm referred to 50 Ω, TA = whole operating
temperature range, unless otherwise noted.
Table 1.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
REFP AND REFN CHARACTERISTICS
Input Frequency
Single-Ended Mode
10
500
MHz
Doubler disabled
Differential Mode
10
600
MHz
Doubler disabled
Single-Ended or Differential Mode
10
125
MHz
Doubler enabled
Input Sensitivity
Single-Ended Mode
0.4
AVDD
V p-p
REFP biased at AVDD/2, ac coupling
ensures AVDD/2 bias
Differential Mode
0.4
1.8
V p-p
Low voltage differential signal (LVDS) and
low voltage positive emitter coupled
logic (LVPECL) compatible, REFP and REFN
biased at 2.1 V, ac coupling ensures 2.1 V
bias
Input Capacitance
Single-Ended Mode
6.9
pF
Differential Mode
1.4
pF
Input Current
±150
μA
Single-ended reference programmed
300
μA
Differential reference programmed
Phase Frequency Detector Frequency
(fPFD)
160
MHz
Fractional mode
250
MHz
Integer mode
CHARGE PUMP
Charge Pump Current, Sink and Source
ICP
High Value
5.6
mA
Low Value
0.35
mA
Current Matching
3
%
0.5 V ≤ voltage at the CPOUT pin (VCP) ≤
VDD_VP − 0.5 V
ICP vs. VCP
3
%
0.5 V ≤ VCP ≤ VDD_VP − 0.5 V
ICP vs. Temperature
1.5
%
VCP = 2.5 V
LOGIC INPUTS
CS, SDIO, SCLK, and CE are 3 V logic
Input High Voltage
VINH
1.17
V
Input Low Voltage
VINL
0.63
V
Input Current
IINH/IINL
±1
μA
Input Capacitance
CIN
3.0
pF
LOGIC OUTPUTS
Output High Voltage
VOH
AVDD
− 0.4
V
3.3 V output selected
1.5
1.875
V
1.8 V output selected
Output High Current
IOH
500
μA
Output Low Voltage
VOL
0.4
V
Output low current (IOL) = 500 μA
POWER SUPPLIES
Supply Voltage (Except VCO)
AVDD
3.15
3.45
V
VCC_CAL, VCC_X1, VDD_X1, VCC_X2,
VCC_MUX, VCC_3V, VDD_NDIV, VDD_LS,
VCC_LDO_3V, VCC_REF, VDD_PFD,
VDD_VP are grouped as AVDD and are at
the same voltage
Supply Current (Except VCO)1
AIDD
190
260
mA
All outputs are disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com