Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF4372 Datasheet(PDF) 11 Page - Analog Devices

Part # ADF4372
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4372 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADF4372 Datasheet HTML 7Page - Analog Devices ADF4372 Datasheet HTML 8Page - Analog Devices ADF4372 Datasheet HTML 9Page - Analog Devices ADF4372 Datasheet HTML 10Page - Analog Devices ADF4372 Datasheet HTML 11Page - Analog Devices ADF4372 Datasheet HTML 12Page - Analog Devices ADF4372 Datasheet HTML 13Page - Analog Devices ADF4372 Datasheet HTML 14Page - Analog Devices ADF4372 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 47 page
background image
Data Sheet
ADF4372
Rev. 0 | Page 11 of 47
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 7. Open-Loop VCO Phase Noise, 4.0 GHz, VCC_VCO = 5 V
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
–140
–150
–160
–170
100
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
M1
M2
M3
M4
M5
M6
M7
M1 1kHz
–55.29dBc/Hz
M2 10kHz
–85.75dBc/Hz
M3 100kHz –112.32dBc/Hz
M4 1MHz
–136.05dBc/Hz
M5 10MHz
–155.3dBc/Hz
M6 30MHz
–161.75dBc/Hz
M7 95MHz
–161.11dBc/Hz
Figure 8. Open-Loop VCO Phase Noise, 5.7 GHz, VCC_VCO = 5 V
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
–140
–150
–160
–170
100
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
M1
M2
M3
M4
M5
M6
M7
M1 1kHz
–54.23dBc/Hz
M2 10kHz
–84.17dBc/Hz
M3 100kHz –110.13dBc/Hz
M4 1MHz
–133.29dBc/Hz
M5 10MHz
–153.36dBc/Hz
M6 30MHz
–159.75dBc/Hz
M7 95MHz
–163.7dBc/Hz
Figure 9. Open-Loop VCO Phase Noise, 8.0 GHz, VCC_VCO = 5 V
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
–140
–150
–160
–170
100
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
M1
M2
M3
M4
M5
M6
M7
M1 1kHz
–49.64dBc/Hz
M2 10kHz
–79.83dBc/Hz
M3 100kHz –106.27dBc/Hz
M4 1MHz
–130.23dBc/Hz
M5 10MHz
–147.45dBc/Hz
M6 30MHz
–151.39dBc/Hz
M7 95MHz
–155.61dBc/Hz
Figure 10. Open-Loop VCO Phase Noise at RF16x Output, 11.4 GHz, VCC_VCO = 5 V
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
–140
–150
–160
–170
100
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
M1
M2
M3
M4
M5
M6
M7
M1 1kHz
–48.74dBc/Hz
M2 10kHz
–78.16dBc/Hz
M3 100kHz –103.95dBc/Hz
M4 1MHz
–127.04dBc/Hz
M5 10MHz
–146.07dBc/Hz
M6 30MHz
–151.02dBc/Hz
M7 95MHz
–154.34dBc/Hz
Figure 11. Open-Loop VCO Phase Noise at RF16x Output, 16.0 GHz, VCC_VCO = 5 V
–40
–60
–80
–100
–120
–140
–160
–180
1k
10k
100k
1M
10M
100M
FREQUENCY OFFSET (Hz)
–40°C
+25°C
+105°C
Figure 12. Open-Loop VCO Phase Noise over Temperature, 8.0 GHz,
VCC_VCO = 5 V
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
–140
–150
–160
–170
100
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
M1
M2
M3
M4
M5
M6
M7
M1 1kHz
–60.29dBc/Hz
M2 10kHz
–89.95dBc/Hz
M3 100kHz –117.9dBc/Hz
M4 1MHz
–139.1dBc/Hz
M5 10MHz
–156.3dBc/Hz
M6 30MHz
–160.95dBc/Hz
M7 95MHz
–162.86dBc/Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com