Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6006 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP6006
Description  1 MHz Operational Amplifier with EMI Filtering
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6006 Datasheet(HTML) 1 Page - Microchip Technology

  MCP6006 Datasheet HTML 1Page - Microchip Technology MCP6006 Datasheet HTML 2Page - Microchip Technology MCP6006 Datasheet HTML 3Page - Microchip Technology MCP6006 Datasheet HTML 4Page - Microchip Technology MCP6006 Datasheet HTML 5Page - Microchip Technology MCP6006 Datasheet HTML 6Page - Microchip Technology MCP6006 Datasheet HTML 7Page - Microchip Technology MCP6006 Datasheet HTML 8Page - Microchip Technology MCP6006 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
 2020-2021 Microchip Technology Inc.
DS20006411B-page 1
MCP6006/6R/6U/7/9
Features
• Low Quiescent Current:
-70 µA (maximum)/amplifier
• Low Input Offset Voltage:
- ±1.6 mV (maximum)
• Enhanced EMI Protection:
- Electromagnetic Interference Rejection Ratio
(EMIRR) at 1.8 GHz: 95 dB
• Supply Voltage Range: 1.8V to 5.5V
• Gain Bandwidth Product: 1 MHz (typical)
• Rail-to-Rail Input/Output
• Unity Gain Stable
• No Phase Reversal
• Quick Start-up Time: 6 µs (typical)
• Small Packages
• Extended Temperature Range: -40°C to +125°C
• AEC Q100 Qualified, Grade 1
Applications
• Smoke Detectors
• Automotive, see Product Identification System
(Automotive)
• Battery-Powered Systems
• Sensor Conditioning
• Battery Current Monitoring
Design Aids
• SPICE Macro Models
• Microchip Advanced Part Selector (MAPS)
• Analog Demonstration and Evaluation Boards
• Application Notes
Start-up Time
Description
The Microchip Technology Inc. MCP6006/6R/6U/7/9
operational amplifier operates with a single supply
voltage as low as 1.8V, while drawing low quiescent
current (70 µA, maximum per amplifier). This op amp
also has low input offset voltage (±1.6 mV, maximum),
and rail-to-rail input and output operation. In addition, the
MCP6006/6R/6U/7/9 is unity gain stable and has a gain
bandwidth product of 1 MHz (typical). This combination
of features supports battery-powered and portable
applications.
The MCP6006/6R/6U/7/9 has enhanced EMI protec-
tion, minimizing electromagnetic interference from
external sources. This feature makes it well-suited for
EMI-sensitive applications, such as power lines, radio
stations and mobile communications.
This product family is offered in single (MCP6006), dual
(MCP6007) and quad (MCP6009) packages. All
devices are designed using an advanced CMOS pro-
cess and fully specified in the extended temperature
range from -40°C to +125°C.
Package Types
Start-up Time vs. Nearest Competitor
Time (10 µs/div)
VIN = 100 mVPP
V
INA+
V
INA -
V
SS
1
2
3
4
8
7
6
5
V
OUTA
V
DD
V
OUTB
V
INB -
V
INB +
MCP6006
5-Lead SC70, SOT-23
MCP6007
8-Lead SOIC, MSOP
V
IN+
V
SS
V
IN -
1
2
3
5
4
V
DD
V
OUT
MCP6009
14-Lead TSSOP, SOIC
V
INA +
V
INA -
V
DD
1
2
3
4
14
13
12
11
V
OUTA
V
OUTD
V
IND -
V
IND+
V
SS
V
INB-
V
INB +
V
OUTB
5
6
7
10
9
8
V
INC+
V-
V
OUTC
MCP6006R
5-Lead SOT-23
V
IN+
V
DD
V
IN -
1
2
3
5
4
V
SS
V
OUT
MCP6006U
5-Lead
SOT-23
V
IN+
V
SS
V
IN -
1
2
3
5
4
V
DD
V
OUT
INC
1 MHz Operational Amplifier with EMI Filtering


Similar Part No. - MCP6006

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6001 MICROCHIP-MCP6001 Datasheet
553Kb / 24P
1 MHz Bandwidth Low Power Op Amp
2003
MCP6001 MICROCHIP-MCP6001 Datasheet
470Kb / 28P
1 MHz, Low-Power Op Amp
2005
MCP6001-E/LT MICROCHIP-MCP6001-E/LT Datasheet
470Kb / 28P
1 MHz, Low-Power Op Amp
2005
MCP6001-E/MS MICROCHIP-MCP6001-E/MS Datasheet
470Kb / 28P
1 MHz, Low-Power Op Amp
2005
MCP6001-E/OT MICROCHIP-MCP6001-E/OT Datasheet
470Kb / 28P
1 MHz, Low-Power Op Amp
2005
More results

Similar Description - MCP6006

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
PF0380UDF8 KEC-PF0380UDF8 Datasheet
435Kb / 1P
EMI Filtering TVS
PF0633UDF8 KEC-PF0633UDF8 Datasheet
436Kb / 1P
EMI Filtering TVS
PF1015UDF12 KEC-PF1015UDF12 Datasheet
38Kb / 2P
ESD/EMI Filtering
logo
AVX Corporation
W2F4 AVX-W2F4 Datasheet
212Kb / 10P
Feedthru Filters, EMI Filtering, Broadband Filtering, LCD Filtering
W3F45C2218AT1A AVX-W3F45C2218AT1A Datasheet
273Kb / 10P
EMI Filtering, Broadband Filtering, LCD Filtering
logo
Microchip Technology
MCP6V51 MICROCHIP-MCP6V51 Datasheet
3Mb / 43P
45V, 2 MHz Zero-Drift Op Amp with EMI Filtering
08/15/18
MCP6421 MICROCHIP-MCP6421_V01 Datasheet
1Mb / 34P
1 MHz Operational Amplifier with EMI Filtering
11/07/16
MCP6476 MICROCHIP-MCP6476 Datasheet
1Mb / 46P
3 MHz Operational Amplifier with EMI Filtering
02/28/20
MCP6V51 MICROCHIP-MCP6V51_V01 Datasheet
5Mb / 50P
45V, 2 MHz Zero-Drift Op Amp with EMI Filtering
Revision B (May 2022)
MCP6486 MICROCHIP-MCP6486 Datasheet
1Mb / 46P
10 MHz Operational Amplifier with EMI Filtering
Revision A May 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com