Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6006 Datasheet(PDF) 16 Page - Microchip Technology

Part # MCP6006
Description  1 MHz Operational Amplifier with EMI Filtering
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6006 Datasheet(HTML) 16 Page - Microchip Technology

Back Button MCP6006 Datasheet HTML 12Page - Microchip Technology MCP6006 Datasheet HTML 13Page - Microchip Technology MCP6006 Datasheet HTML 14Page - Microchip Technology MCP6006 Datasheet HTML 15Page - Microchip Technology MCP6006 Datasheet HTML 16Page - Microchip Technology MCP6006 Datasheet HTML 17Page - Microchip Technology MCP6006 Datasheet HTML 18Page - Microchip Technology MCP6006 Datasheet HTML 19Page - Microchip Technology MCP6006 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 46 page
background image
MCP6006/6R/6U/7/9
DS20006411B-page 16
 2020-2021 Microchip Technology Inc.
4.1.4
NORMAL OPERATION
The input stage of the MCP6006/6R/6U/7/9 op amp
uses two differential input stages in parallel. One oper-
ates at a low Common-Mode Input Voltage (VCM), while
the other operates at a high VCM. With this topology,
the device operates with a VCM of up to 300 mV above
VDD and 300 mV below VSS. The input offset voltage is
measured at VCM = VSS – 0.3V and VDD + 0.3V to
ensure proper operation.
The transition between the input stages occurs when
VCM is near VDD – 0.9V (see Figures 2-3 and 2-4). For
the best distortion performance and gain linearity with
noninverting gains, avoid this region of operation.
4.2
Rail-to-Rail Output
The output voltage range of the MCP6006/6R/6U/7/9
op amp is 0.006V (typical) and 5.494V (typical) when
RL = 10 k is connected to VDD/2 and VDD = 5.5V.
Refer to Figures 2-16 and 2-17 for more information.
4.3
Start-up
The MCP6006/6R/6U/7/9 family of parts quickly
controls the output when power (VDD) is initially applied
to the device (start-up). Bypass capacitors are
removed during the start-up testing to minimize inrush
currents (see Figure 4-3). When the op amp is con-
trolled and is off, the output impedance is high and
VOUT is VL or 1V. When the op amp turns on, the output
becomes low-impedance and VOUT follows the input
sine wave; this is used as the start-up time.
FIGURE 4-3:
Start-up Test Circuit.
Figure 4-4 shows the output voltage for the MCP6007
and a similar op amp from a competitor, while Figure 4-5
shows the inrush current. When power is first applied to
the MCP6007, the output is turned off (Point B) and
driven by the load. After 6 µs, the output is turned on
(Point C) and VOUT follows the input sine wave. Mean-
while, the competitor’s output is uncontrolled during the
first 4 µs (Point A) and has some distortion on the output
(Point D) prior to turning on after 50 µs (Point E).
FIGURE 4-4:
Start-up Time Voltages.
FIGURE 4-5:
IDD During Start-up.
+
-
RL
VDD
VSS
VL = 1V
VDD
0
3V
VOUT
A
B
C
D
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com