Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6006 Datasheet(PDF) 17 Page - Microchip Technology

Part # MCP6006
Description  1 MHz Operational Amplifier with EMI Filtering
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6006 Datasheet(HTML) 17 Page - Microchip Technology

Back Button MCP6006 Datasheet HTML 13Page - Microchip Technology MCP6006 Datasheet HTML 14Page - Microchip Technology MCP6006 Datasheet HTML 15Page - Microchip Technology MCP6006 Datasheet HTML 16Page - Microchip Technology MCP6006 Datasheet HTML 17Page - Microchip Technology MCP6006 Datasheet HTML 18Page - Microchip Technology MCP6006 Datasheet HTML 19Page - Microchip Technology MCP6006 Datasheet HTML 20Page - Microchip Technology MCP6006 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 46 page
background image
 2020-2021 Microchip Technology Inc.
DS20006411B-page 17
MCP6006/6R/6U/7/9
4.4
Capacitive Loads
Driving large capacitive loads can cause stability
problems for voltage feedback op amps. As the load
capacitance increases, the feedback loop’s phase
margin decreases and the closed-loop bandwidth is
reduced. This produces gain peaking in the frequency
response, with overshoot and ringing in the step
response. While a unity gain buffer (G = +1 V/V) is the
most sensitive to the capacitive loads, all gains show
the same general behavior.
When driving large capacitive loads with the
MCP6006/6R/6U/7/9 op amp, a small series resistor at
the output (RISO in Figure 4-6) improves the feedback
loop’s phase margin (stability) by making the output
load resistive at higher frequencies. The bandwidth will
be generally lower than the bandwidth with no
capacitance load.
FIGURE 4-6:
Output Resistor, RISO,
Stabilizes Large Capacitive Loads.
4.5
Supply Bypass
The MCP6006/6R/6U/7/9 op amp’s power supply pin
(VDD for single-supply) should have a local bypass
capacitor (i.e., 0.01 µF to 0.1 µF) within 2 mm for good
high-frequency performance. It can use a bulk capaci-
tor (i.e., 1 µF or larger) within 100 mm to provide large,
slow currents. This bulk capacitor can be shared with
other analog parts.
4.6
PCB Surface Leakage
In applications where low input bias current is critical,
Printed Circuit Board (PCB) surface leakage effects
need to be considered. Surface leakage is caused by
humidity, dust or other contamination on the board.
Under low humidity conditions, a typical resistance
between nearby traces is 1012
. A 5V difference would
cause 5 pA of current to flow, which is greater than the
MCP6006/6R/6U/7/9’s bias current at +25°C (±1 pA,
typical).
The easiest way to reduce surface leakage is to use a
guard ring around sensitive pins (or traces). The guard
ring is biased at the same voltage as the sensitive pin.
An example of this type of layout is shown in
Figure 4-7.
FIGURE 4-7:
Example Guard Ring Layout
for Inverting Gain.
1.
Noninverting Gain and Unity Gain Buffer:
a) Connect the noninverting pin (VIN+) to the
input with a wire that does not touch the
PCB surface.
b) Connect the guard ring to the inverting input
pin (VIN-). This biases the guard ring to the
Common-mode input voltage.
2.
Inverting Gain and Transimpedance Gain
Amplifiers (convert current to voltage, such as
photo detectors):
a) Connect the guard ring to the noninverting
input pin (VIN+). This biases the guard ring
to the same reference voltage as the
op amp (e.g., VDD/2 or ground).
b) Connect the inverting pin (VIN-) to the input
with a wire that does not touch the PCB
surface.
4.7
Unused Op Amps
An unused op amp in a dual (MCP6007) or quad
(MCP6009) package should be configured as shown in
Figure 4-8. These circuits prevent the output from
toggling and causing crosstalk. Circuit A sets the
op amp at its minimum noise gain. The resistor divider
produces any desired reference voltage within the out-
put voltage range of the op amp; the op amp buffers
that reference voltage. Circuit B uses the minimum
number of components.
FIGURE 4-8:
Unused Op Amps.
VIN
RISO
VOUT
CL
–
+
MCP6006
Guard Ring
VIN-VIN+
VSS
¼ MCP6009 (A)
¼ MCP6009 (B)
R1
R
2
V
REF
V
DD
R
2
R
1
R
2
+
=
VREF
VDD
VDD
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com