Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6476 Datasheet(PDF) 18 Page - Microchip Technology

Part # MCP6476
Description  3 MHz Operational Amplifier with EMI Filtering
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6476 Datasheet(HTML) 18 Page - Microchip Technology

Back Button MCP6476 Datasheet HTML 14Page - Microchip Technology MCP6476 Datasheet HTML 15Page - Microchip Technology MCP6476 Datasheet HTML 16Page - Microchip Technology MCP6476 Datasheet HTML 17Page - Microchip Technology MCP6476 Datasheet HTML 18Page - Microchip Technology MCP6476 Datasheet HTML 19Page - Microchip Technology MCP6476 Datasheet HTML 20Page - Microchip Technology MCP6476 Datasheet HTML 21Page - Microchip Technology MCP6476 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 46 page
background image
MCP6476/6R/6U/7/9
DS20006419B-page 18
 2020-2021 Microchip Technology Inc.
4.9
Application Circuits
4.9.1
CARBON MONOXIDE GAS SENSOR
A Carbon Monoxide (CO) gas detector is a device that
detects the presence of carbon monoxide gas. Usually
this is battery powered and transmits audible and
visible warnings.
The sensor responds to CO gas by reducing its resis-
tance proportionaly to the amount of CO present in the
air exposed to the internal element. On the sensor
module, this variable is part of a voltage divider formed
by the internal element and potentiometer R1. The out-
put of this voltage divider is fed into the noninverting
inputs of the MCP6476 op amp. The device is config-
ured as a buffer with unity gain and is used to provide
a nonloaded test point for sensor sensitivity.
Because this sensor can be corrupted by parasitic
electromagnetic signals, the MCP6476 op amp can be
used for conditioning this sensor.
In Figure 4-8, the variable resistor is used to calibrate
the sensor in different environments.
.
FIGURE 4-8:
CO Gas Sensor Circuit.
4.9.2
PRESSURE SENSOR AMPLIFIER
The MCP6476/6R/6U/7/9 is well-suited for condition-
ing sensor signals in battery-powered applications.
Many sensors are configured as Wheatstone bridges.
Strain gauges and pressure sensors are two common
examples.
Figure 4-9 shows a strain gauge amplifier, using the
MCP6476/6R/6U/7/9 Enhanced EMI protection device.
The difference amplifier with EMI robustness op amp is
used to amplify the signal from the Wheatstone bridge.
The two op amps, configured as buffers and connected
at the outputs of pressure sensors, prevents resistive
loading of the bridge by resistors, R1 and R2. Resistors,
R1, R2 and R3, R5, need to be chosen with very low
tolerance to match the CMRR.
FIGURE 4-9:
Pressure Sensor Amplifier.
VDD
+
-
VOUT
MCP6476
R1
VREF
VDD
Strain Gauge
VOUT
Va Vb
–
 10k
100
-------------
=
VDD
R2
+
-
VOUT
MCP6476
R1
R3
10 k
:
R4
10 k
Ω
100
:
100
:
VDD
R-
∆R
R+
∆R
Va
Vb
VDD
+
-
VDD
+
-
½ MCP6477
½ MCP6477
R+
∆R
R-
∆R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com