Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6476 Datasheet(PDF) 16 Page - Microchip Technology

Part # MCP6476
Description  3 MHz Operational Amplifier with EMI Filtering
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6476 Datasheet(HTML) 16 Page - Microchip Technology

Back Button MCP6476 Datasheet HTML 12Page - Microchip Technology MCP6476 Datasheet HTML 13Page - Microchip Technology MCP6476 Datasheet HTML 14Page - Microchip Technology MCP6476 Datasheet HTML 15Page - Microchip Technology MCP6476 Datasheet HTML 16Page - Microchip Technology MCP6476 Datasheet HTML 17Page - Microchip Technology MCP6476 Datasheet HTML 18Page - Microchip Technology MCP6476 Datasheet HTML 19Page - Microchip Technology MCP6476 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 46 page
background image
MCP6476/6R/6U/7/9
DS20006419B-page 16
 2020-2021 Microchip Technology Inc.
4.1.4
NORMAL OPERATION
The input stage of the MCP6476/6R/6U/7/9 op amp
uses two differential input stages in parallel. One oper-
ates at a low Common-Mode Input Voltage (VCM), while
the other operates at a high VCM. With this topology,
the device operates with a VCM up to 300 mV above
VDD and 300 mV below VSS. The input offset voltage is
measured at VCM = VSS – 0.3V and VDD + 0.3V to
ensure proper operation.
The transition between the input stages occurs when
VCM is near VDD – 0.9V (see Figures 2-3 and 2-4). For
the best distortion performance and gain linearity, with
noninverting gains, avoid this region of operation.
4.2
Rail-to-Rail Output
The output voltage range of the MCP6476/6R/6U/7/9
op amp is 0.006V (typical) and 5.494V (typical) when
RL = 10 k is connected to VDD/2 and VDD = 5.5V.
Refer to Figures 2-16 and 2-17 for more information.
4.3
Start-up
The MCP6476/6R/6U/7/9 family of parts quickly con-
trols the output when power (VDD) is initially applied to
the device (start-up). Bypass capacitors are removed
during the start-up testing to minimize inrush currents
(see Figure 4-3). When the op amp is controlled and is
off, the output impedance is high and VOUT will be VL or
1V. When the op amp turns on, the output becomes
low-impedance and VOUT will follow the input sine
wave; this is used as the start-up time.
FIGURE 4-3:
Start-up Test Circuit.
Figure 4-4 shows the input voltage (blue line) for the
MCP6477 and the output voltage (black line). When
power is first applied to the MCP6477, the output is
turned off (Point A) and driven by the load. After 6 µs,
the output is turned on (Point B) and VOUT follows the
input sine wave.
FIGURE 4-4:
Start-up Time Voltages.
4.4
Capacitive Loads
Driving large capacitive loads can cause stability
problems for voltage feedback op amps. As the load
capacitance increases, the feedback loop’s phase
margin decreases and the closed-loop bandwidth is
reduced. This produces gain peaking in the frequency
response, with overshoot and ringing in the step
response. While a unity gain buffer (G = +1 V/V) is the
most sensitive to the capacitive loads, all gains show
the same general behavior.
When driving large capacitive loads with the
MCP6476/6R/6U/7/9 op amp, a small series resistor at
the output (RISO in Figure 4-5) improves the feedback
loop’s phase margin (stability) by making the output
load resistive at higher frequencies. The bandwidth is
generally lower than the bandwidth with no capacitance
load.
FIGURE 4-5:
Output Resistor, RISO,
Stabilizes Large Capacitive Loads.
+
-
RL
VDD
VSS
VL = 1V
VDD
0
5.5V
VOUT
A
B
VIN
RISO
VOUT
CL
–
+
MCP6476



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com