Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6476 Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP6476
Description  3 MHz Operational Amplifier with EMI Filtering
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6476 Datasheet(HTML) 5 Page - Microchip Technology

  MCP6476 Datasheet HTML 1Page - Microchip Technology MCP6476 Datasheet HTML 2Page - Microchip Technology MCP6476 Datasheet HTML 3Page - Microchip Technology MCP6476 Datasheet HTML 4Page - Microchip Technology MCP6476 Datasheet HTML 5Page - Microchip Technology MCP6476 Datasheet HTML 6Page - Microchip Technology MCP6476 Datasheet HTML 7Page - Microchip Technology MCP6476 Datasheet HTML 8Page - Microchip Technology MCP6476 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 46 page
background image
 2020-2021 Microchip Technology Inc.
DS20006419B-page 5
MCP6476/6R/6U/7/9
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, TA= +25°C, VDD = +1.8V to +5.5V, VSS = GND, VCM = VDD/4, VOUT =VDD/2,
VL =VDD/2, RL = 10 k to VL and CL = 30 pF.
2.1
DC Inputs
FIGURE 2-1:
Input Offset Voltage
Histogram.
FIGURE 2-2:
Input Offset Voltage Drift
Histogram.
FIGURE 2-3:
Input Offset Voltage vs.
Common-Mode Input Voltage.
FIGURE 2-4:
Input Offset Voltage vs.
Common-Mode Input Voltage.
FIGURE 2-5:
Input Offset Voltage vs.
Output Voltage.
FIGURE 2-6:
Input Offset Voltage vs.
Power Supply Voltage.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
0
5
10
15
20
25
30
35
Input Offset Voltage (μV)
1570 Samples
T
A = +25°C
V
DD = 5.5V
V
DD = 1.8V
0
5
10
15
20
25
30
35
40
Input Offset Voltage Drift (μV/°C)
68 Samples
T
A = -40°C to +125°C
V
DD = 5.5V
V
DD = 1.8V
-1000
-800
-600
-400
-200
0
200
400
600
800
1000
-0.4 -0.2 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2 2.2
Input Common Mode Voltage (V)
V
DD = 1.8V
T
A = -40°C
T
A = +25°C
T
A = +85°C
T
A = +125°C
-600
-400
-200
0
200
400
600
-0.5 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0
Input Common Mode Voltage (V)
V
DD = 5.5V
T
A = -40°C
T
A = +25°C
T
A = +85°C
T
A = +125°C
-200
-150
-100
-50
0
50
100
150
200
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
Output Voltage (V)
V
CM = VSS
V
DD = 5.5V
V
DD = 1.8V
-500
-400
-300
-200
-100
0
100
200
300
400
500
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Supply Voltage (V)
V
CM = VSS
T
A = -40°C
T
A = +25°C
T
A = +85°C
T
A = +125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com