Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2285YML Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # MIC2285YML
Description  8MHz PWM Synchronous Buck Regulator with LDO Standby Mode
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2285YML Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button MIC2285YML Datasheet HTML 6Page - Micrel Semiconductor MIC2285YML Datasheet HTML 7Page - Micrel Semiconductor MIC2285YML Datasheet HTML 8Page - Micrel Semiconductor MIC2285YML Datasheet HTML 9Page - Micrel Semiconductor MIC2285YML Datasheet HTML 10Page - Micrel Semiconductor MIC2285YML Datasheet HTML 11Page - Micrel Semiconductor MIC2285YML Datasheet HTML 12Page - Micrel Semiconductor MIC2285YML Datasheet HTML 13Page - Micrel Semiconductor MIC2285YML Datasheet HTML 14Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Micrel, Inc.
MIC2285
January 2006
13
M9999-012406
www.micrel.com
Typical Application Circuit with Bill of Materials (BOM)
Adjustable Output
Item
Part Number
Description
Manufacturer
Qty
0603D105MAT2A
AVX
GRM185R60J105KE21D
1µF 6.3V X5R 0402 Ceramic Capacitor
Murata
C1
C1608X5R1A105K
1µF 10V X5R 0402 Ceramic Capacitor
TDK
1
C1608X5R0J106K
TDK
06036D106MAT2A
10µF 6.3V X5R 0603 Ceramic Capacitor
AVX
C4
GRM188R60J106M
10µF 6.3V X7R 0603 Ceramic Capacitor
Murata
1
C1005X5R0J104M
TDK
04026D104MAT2A
0.1µF 6.3V X5R 0402 Ceramic Capacitor
AVX
C2
GRM155R60J104K
0.1µF 6.3V X7R 0402 Ceramic Capacitor
Murata
1
VJ0402A820KXQCW1BC
82pF X7R 0402 Ceramic Capacitor
Vishay
C3
C1005COG1H820J
82pF COG 0402 Ceramic Capacitor
TDK
1
DO2010-501ML
0.5µH Inductor
Colicraft
L1
LQM21PNR47M00
0.47µH Inductor
Murata
1
R1(7)
CRCW04021003F
100kΩ 1% 0402 Resistor
Vishay
1
CRCW04026652F
66.5kΩ 1% 0402 Resistor for 2.5VOUT
Vishay
CRCW04021243F
124kΩ 1% 0402 Resistor for 1.8VOUT
Vishay
CRCW04022003F
200kΩ 1% 0402 Resistor for 1.5VOUT
Vishay
CRCW04024993F
499kΩ 1% 0402 Resistor for 1.2VOUT
Vishay
R2(7)
Open
for 1.0VOUT
1
R3
CRCW040220R5F
20.5Ω 1% 0402 Resistor
Vishay
1
U1
MIC2285YML
8MHz PWM Step-Down Converter/LDO
Micrel
1
Notes:
1. AVX: www.avxcorp.com
2. Murata: www.murata.com
3. TDK: www.tdk.com
4. Vishay: www.vishay.com
5. Coilcraft: www.coilcraft.com
6. Micrel, Inc.: www.micrel.com
7. For Adjustable Version Only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com