Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2285YML Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC2285YML
Description  8MHz PWM Synchronous Buck Regulator with LDO Standby Mode
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2285YML Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC2285YML Datasheet HTML 1Page - Micrel Semiconductor MIC2285YML Datasheet HTML 2Page - Micrel Semiconductor MIC2285YML Datasheet HTML 3Page - Micrel Semiconductor MIC2285YML Datasheet HTML 4Page - Micrel Semiconductor MIC2285YML Datasheet HTML 5Page - Micrel Semiconductor MIC2285YML Datasheet HTML 6Page - Micrel Semiconductor MIC2285YML Datasheet HTML 7Page - Micrel Semiconductor MIC2285YML Datasheet HTML 8Page - Micrel Semiconductor MIC2285YML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Micrel, Inc.
MIC2285
January 2006
3
M9999-012406
www.micrel.com
Absolute Maximum Ratings
(1)
Supply Voltage (VIN) ............................................ +6V
Output Switch Voltage (VSW) ............................... +6V
Output Switch Current (ISW) ................................... 2A
Logic Input Voltage (VEN,VLOWQ) .............. -0.3V to VIN
Storage Temperature (Ts)................ -60°C to +150°C
ESD Rating
(3) ....................................................... 3kV
Operating Ratings
(2)
Supply Voltage (VIN)............................+2.7V to +5.5V
Logic Input Voltage (VEN,VLOWQ) .............. -0.3V to VIN
Junction Temperature (TJ) .............. –40°C to +125°C
Junction Thermal Resistance
3x3 MLF-10L (θJA)................................... 60°C/W
Electrical Characteristics
(4)
VIN = VEN = VLOWQ =3.6V; L = 0.47µH; COUT = 10µF; TA = 25°C, unless noted. Bold values indicate –40°C< TJ < +125°C
Parameter
Condition
Min
Typ
Max
Units
Supply Voltage Range
2.7
5.5
V
Under-Voltage Lockout
Threshold
(turn-on)
2.45
2.55
2.65
V
UVLO Hysteresis
100
mV
Quiescent Current, PWM
mode
VFB = 0.9 * VNOM (not switching)
790
900
µA
Quiescent Current, LDO
mode
VLOWQ = 0V;IOUT = 0mA
20
29
µA
Shutdown Current
VEN = 0V
0.01
5
µA
[Adjustable] Feedback
Voltage
± 2% (over temperature)
0.98
1
1.02
V
FB pin input current
1
nA
Current Limit in PWM Mode
VFB = 0.9 * VNOM
0.675
1
1.85
A
Output Voltage Line
Regulation
VOUT > 2V; VIN = VOUT+300mV to 5.5V; ILOAD= 100mA
VOUT < 2V; VIN = 2.7V to 5.5V; ILOAD= 100mA
0.13
%
Output Voltage Load
Regulation, PWM Mode
20mA < ILOAD < 300mA
0.2
0.8
%
Output Voltage Load
Regulation, LDO Mode
100µA < ILOAD < 50mA
VLOWQ = 0V
0.5
1
%
Maximum Duty Cycle
VFB ≤ 0.4V
100
%
PWM Switch ON-
Resistance
ISW = 50mA VFB = 0.7VFB_NOM (High Side Switch)
ISW = -50mA VFB = 1.1VFB_NOM (Low Side Switch)
0.4
0.4
Ω
Oscillator Frequency
7.2
8
8.8
MHz
LOWQ threshold voltage
0.5
0.85
1.3
V
LOWQ Input Current
0.1
2
µA
Enable Threshold
0.5
0.85
1.3
V
Enable Input Current
0.1
2
µA
LDO Dropout Voltage
IOUT = 50mA Note 5
110
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com