Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2285YML Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC2285YML
Description  8MHz PWM Synchronous Buck Regulator with LDO Standby Mode
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2285YML Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC2285YML Datasheet HTML 1Page - Micrel Semiconductor MIC2285YML Datasheet HTML 2Page - Micrel Semiconductor MIC2285YML Datasheet HTML 3Page - Micrel Semiconductor MIC2285YML Datasheet HTML 4Page - Micrel Semiconductor MIC2285YML Datasheet HTML 5Page - Micrel Semiconductor MIC2285YML Datasheet HTML 6Page - Micrel Semiconductor MIC2285YML Datasheet HTML 7Page - Micrel Semiconductor MIC2285YML Datasheet HTML 8Page - Micrel Semiconductor MIC2285YML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Micrel, Inc.
MIC2285
January 2006
4
M9999-012406
www.micrel.com
Parameter
Condition
Min
Typ
Max
Units
Output Voltage Noise
LOWQ = 0V; COUT = 10µF, 10Hz to 100kHz
75
µVrms
LDO Current Limit
LOWQ = 0V; VOUT = 0V (LDO Mode)
60
120
mA
Over-Temperature
Shutdown
160
°C
Over-Temperature
Hysteresis
20
°C
Notes
1.
Exceeding the absolute maximum rating may damage the device.
2.
The device is not guaranteed to function outside its operating rating.
3.
Devices are ESD sensitive. Handling precautions recommended. Human body model: 1.5kΩ in series with 100pF.
4.
Specification for packaged product only.
5.
Dropout voltage is defined as the input-to-output differential at which the output voltage drops 2% below its nominal value that is initially
measured at a 1V differential. For outputs below 2.7V, the dropout voltage is the input-to-output voltage differential with a minimum
input voltage of 2.7V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com