Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R3Y-SV8S/CE Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # R3Y-SV8S/CE
Description  Remote I/O R3 Series DC VOLTAGE INPUT MODULE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3Y-SV8S/CE Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  R3Y-SV8S/CE Datasheet HTML 1Page - M-System Co.,Ltd. R3Y-SV8S/CE Datasheet HTML 2Page - M-System Co.,Ltd. R3Y-SV8S/CE Datasheet HTML 3Page - M-System Co.,Ltd. R3Y-SV8S/CE Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MODEL: R3Y-SV8
R3Y-SV8 SPECIFICATIONS
ES-8960 Rev.10 Page 3/4
https://www.m-system.co.jp/
EXTERNAL DIMENSIONS unit: mm [inch]
27.5 [1.08]
110 [4.33]
POSITIONING
GUIDE
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
1
18B
INTERNAL POWER
INTERNAL BUS A
INTERNAL BUS B*
Control
Circuit
Communication
Circuit
9B
7B
DIP SW
RUN LED ERR LED
17B
15B
13B
11B
10B
19A
6B
18A
5B
14A
17A
13A
15A
11A
7A
10A
6A
5A
9A
INPUT 1
INPUT 2
INPUT 3
INPUT 4
INPUT 5
INPUT 6
INPUT 7
INPUT 8
14B
19B
Input Circuit
Input Circuit
Input Circuit
Input Circuit
Input Circuit
Input Circuit
Input Circuit
Input Circuit
+
+
–
NARROW SPAN
WIDE SPAN
+
+
–
NARROW SPAN
WIDE SPAN
+
+
–
NARROW SPAN
WIDE SPAN
+
+
–
NARROW SPAN
WIDE SPAN
+
+
–
NARROW SPAN
WIDE SPAN
+
+
–
NARROW SPAN
WIDE SPAN
+
+
–
NARROW SPAN
WIDE SPAN
+
+
–
NARROW SPAN
WIDE SPAN
Note: Connect either wide or narrow span terminals to each channel.
* For dual redundant communication.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com