Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R3Y-SV8S/CE Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # R3Y-SV8S/CE
Description  Remote I/O R3 Series DC VOLTAGE INPUT MODULE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3Y-SV8S/CE Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  R3Y-SV8S/CE Datasheet HTML 1Page - M-System Co.,Ltd. R3Y-SV8S/CE Datasheet HTML 2Page - M-System Co.,Ltd. R3Y-SV8S/CE Datasheet HTML 3Page - M-System Co.,Ltd. R3Y-SV8S/CE Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MODEL: R3Y-SV8
R3Y-SV8 SPECIFICATIONS
ES-8960 Rev.10 Page 4/4
https://www.m-system.co.jp/
INPUT CONNECTOR (40-pin)
PIN No.
ASSIGNMENT
PIN No.
ASSIGNMENT
1A
NC
1B
NC
2A
NC
2B
NC
3A
NC
3B
NC
4A
NC
4B
NC
5A
-IN8
5B
-IN4
6A
+IN8L
6B
+IN4L
7A
+IN8H
7B
+IN4H
8A
NC
8B
NC
9A
-IN7
9B
-IN3
10A
+IN7L
10B
+IN3L
11A
+IN7H
11B
+IN3H
12A
NC
12B
NC
13A
-IN6
13B
-IN2
14A
+IN6L
14B
+IN2L
15A
+IN6H
15B
+IN2H
16A
NC
16B
NC
17A
-IN5
17B
-IN1
18A
+IN5L
18B
+IN1L
19A
+IN5H
19B
+IN1H
20A
NC
20B
NC
Specifications are subject to change without notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com