Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R3Y-SV8S/CE Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # R3Y-SV8S/CE
Description  Remote I/O R3 Series DC VOLTAGE INPUT MODULE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3Y-SV8S/CE Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  R3Y-SV8S/CE Datasheet HTML 1Page - M-System Co.,Ltd. R3Y-SV8S/CE Datasheet HTML 2Page - M-System Co.,Ltd. R3Y-SV8S/CE Datasheet HTML 3Page - M-System Co.,Ltd. R3Y-SV8S/CE Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MODEL: R3Y-SV8
R3Y-SV8 SPECIFICATIONS
ES-8960 Rev.10 Page 1/4
https://www.m-system.co.jp/
Remote I/O R3 Series
DC VOLTAGE INPUT MODULE
(8 points, isolated, connector type)
110
[4.33]
27.5 [1.08]
130
[5.12]
mm [inch]
MODEL: R3Y–SV8[1][2]
ORDERING INFORMATION
• Code number: R3Y-SV8[1][2]
Specify a code from below for each of [1] and [2].
(e.g. R3Y-SV8W/CE/Q)
• Specify the specification for option code /Q
(e.g. /C01/SET)
NO. OF CHANNELS
8: 8
[1] COMMUNICATION MODE
S: Single
W: Dual
[2] OPTIONS (multiple selections)
Standards & Approvals
blank: Without CE
/CE: CE marking
Other Options
blank: none
/Q: Option other than the above (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
EX-FACTORY SETTING
/SET: Preset according to the Ordering Information Sheet
(No. ESU-8367)
CAUTION
■ UNUSED INPUT CHANNELS
Set the unused channels to the ranges otherthan 1 – 5 V.
Otherwise, set them as “Unused” with PC Configurator
software: R3CON. Unused channels left open with 1 – 5 V
setting are equal to the input lower than -15 %, which sets a
data abnormality at the PLC or the host device.
RELATED PRODUCTS
• Connector terminal block (model: CNT)
• Special cable with 40-pin connector (model: FCN)
GENERAL SPECIFICATIONS
Connection
Internal bus: Via the Installation Base (model: R3-BSx)
Input: 40-pin connector (Fujitsu FCN-365P040-AU)
Internal power: Via the Installation Base (model: R3-BSx)
Isolation: Input 1 to input 2 to input 3 to input 4 to input 5 to
input 6 to input 7 to input 8 to internal bus or internal power
Input range: Selectable with the side DIP SW (per 4
channels)
Conversion rate: Selectable with the side DIP SW
RUN indicator: Bi-color (red/green) LED;
Red when the bus A operates normally;
Green when the bus B operates normally;
Amber when both buses operate normally.
ERR indicator: Bi-color (red/green) LED;
Red with input circuit abnormality (AD converter response
failure);
Green in normal operating conditions.
INPUT SPECIFICATIONS
■ Narrow Span: -1 – +1 V, 0 – 1 V DC
Input resistance: 100 kΩ min.
■ Wide Span: -10 – +10 V, -5 – +5 V,
0 – 10 V, 0 – 5 V, 1 – 5 V DC
Input resistance: 1 MΩ min.
INSTALLATION
Operating temperature: -10 to +55°C (14 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Mounting: Installation Base (model: R3-BSx)
Weight: 200 g (0.44 lb)
PERFORMANCE
Conversion accuracy: Refer to the table at the end of this
section.
Conversion rate: 160 / 80 / 40 / 20 msec. selectable
Data range: 0 – 10000 of the input range


Similar Part No. - R3Y-SV8S/CE

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R3Y-SV8A MSYSTEM-R3Y-SV8A Datasheet
121Kb / 4P
Remote I/O R3 Series DC MILLIVOLT INPUT MODULE
R3Y-SV8AS MSYSTEM-R3Y-SV8AS Datasheet
121Kb / 4P
Remote I/O R3 Series DC MILLIVOLT INPUT MODULE
R3Y-SV8AS/Q MSYSTEM-R3Y-SV8AS/Q Datasheet
121Kb / 4P
Remote I/O R3 Series DC MILLIVOLT INPUT MODULE
R3Y-SV8AW MSYSTEM-R3Y-SV8AW Datasheet
121Kb / 4P
Remote I/O R3 Series DC MILLIVOLT INPUT MODULE
R3Y-SV8AW/Q MSYSTEM-R3Y-SV8AW/Q Datasheet
121Kb / 4P
Remote I/O R3 Series DC MILLIVOLT INPUT MODULE
More results

Similar Description - R3Y-SV8S/CE

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R3-SV8 MSYSTEM-R3-SV8 Datasheet
127Kb / 3P
Remote I/O R3 Series DC VOLTAGE INPUT MODULE
R3-SV4C MSYSTEM-R3-SV4C Datasheet
119Kb / 3P
Remote I/O R3 Series DC VOLTAGE INPUT MODULE
R3-SV4B MSYSTEM-R3-SV4B Datasheet
120Kb / 3P
Remote I/O R3 Series DC VOLTAGE INPUT MODULE
R3-SV4 MSYSTEM-R3-SV4 Datasheet
124Kb / 3P
Remote I/O R3 Series DC VOLTAGE INPUT MODULE
R3-SSV8N MSYSTEM-R3-SSV8N Datasheet
152Kb / 5P
Remote I/O R3 Series DC VOLTAGE INPUT MODULE
R3-SV8N MSYSTEM-R3-SV8N Datasheet
122Kb / 3P
Remote I/O R3 Series DC VOLTAGE INPUT MODULE
R3-SV8C MSYSTEM-R3-SV8C Datasheet
124Kb / 3P
Remote I/O R3 Series DC VOLTAGE INPUT MODULE
R3-SV8B MSYSTEM-R3-SV8B Datasheet
124Kb / 3P
Remote I/O R3 Series DC VOLTAGE INPUT MODULE
R3-SV16N MSYSTEM-R3-SV16N Datasheet
122Kb / 3P
Remote I/O R3 Series DC VOLTAGE INPUT MODULE
R3Y-SV16 MSYSTEM-R3Y-SV16 Datasheet
126Kb / 4P
Remote I/O R3 Series DC VOLTAGE INPUT MODULE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com