Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R8-PC4A/Q Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # R8-PC4A/Q
Description  Remote I/O R8 Series PULSE OUTPUT MODULE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R8-PC4A/Q Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  R8-PC4A/Q Datasheet HTML 1Page - M-System Co.,Ltd. R8-PC4A/Q Datasheet HTML 2Page - M-System Co.,Ltd. R8-PC4A/Q Datasheet HTML 3Page - M-System Co.,Ltd. R8-PC4A/Q Datasheet HTML 4Page - M-System Co.,Ltd. R8-PC4A/Q Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MODEL: R8-PC4A
R8-PC4A SPECIFICATIONS
ES-9795 Rev.4 Page 4/5
http://www.m-system.co.jp/
EXTERNAL DIMENSIONS unit: mm (inch)
DIN RAIL
(35 mm wide)
[3 (.12)]
[4 (.16)]
12 (.47)
59 (2.32)
55 (2.17)
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
INTERNAL
BUS
EXC.
SUPPLY
INTERNAL
POWER
+24V
0V
Comm.
Circuit
24V
NC
0V
Po1
Control
Circuit
0V
0V
+24V
1
2
4
3
24V
NC
0V
Po4
1
2
4
3
OUTPUT 1
OUTPUT 4
Output
Circuit
Note: Pin 1 of output connector is connected to 24V of the excitation supply.
Pin 3 of output connector is connected to 0V of the excitation supply.
STATUS
LED
OUTPUT
STATUS LED
ROTARY SW
DIP SW
OUTPUT
CONNECTOR 1
OUTPUT
CONNECTOR 4
Output Connection Examples
■Open Collector
24V
NC
0V
Pon
1
2
4
3
+24V
0V
+
–
24V
NC
0V
Pon
1
2
4
3
+24V
0V
Po
■Wet Contact



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com