Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R8-PC4A/Q Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # R8-PC4A/Q
Description  Remote I/O R8 Series PULSE OUTPUT MODULE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R8-PC4A/Q Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  R8-PC4A/Q Datasheet HTML 1Page - M-System Co.,Ltd. R8-PC4A/Q Datasheet HTML 2Page - M-System Co.,Ltd. R8-PC4A/Q Datasheet HTML 3Page - M-System Co.,Ltd. R8-PC4A/Q Datasheet HTML 4Page - M-System Co.,Ltd. R8-PC4A/Q Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MODEL: R8-PC4A
R8-PC4A SPECIFICATIONS
ES-9795 Rev.4 Page 2/5
http://www.m-system.co.jp/
Operating humidity: 30 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Mounting: DIN rail
Weight: 60 g (2.12 oz)
PERFORMANCE
Data allocation: 2
Module addresses in use: 2
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1500V AC @1 minute
(output or exc. supply to internal bus or internal power to
ground)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive
EN 50581
OPERATING MODES
When writing the number of output pulse (target value)
from a host, R8-PC4A outputs the difference from the
number of pulse outputs until now (present value) as the
remainder number of pulse.
The present value of the R8-PC4A is held even with power
off. If target value is ‘0’ or higher than totalized pulse upper
limit, it is invalid. When the target value is not less than
2001 for the present value, the unit does not output the
pulse and the present value is equal to the target value.
E.g.1 Present value = 1000 and target value = 1500, it
outputs 500 pulses.
E.g.2 Present value = 9000 and target value = 500, it
outputs 1500 pulses.
E.g.3 Present value = 1000 and target value = 3001, it
does not outputs any pulse, present value = 3001.
(When the totalized pulse upper limit is initial setting,
10000.)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com