Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R8-PC4A/Q Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # R8-PC4A/Q
Description  Remote I/O R8 Series PULSE OUTPUT MODULE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R8-PC4A/Q Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  R8-PC4A/Q Datasheet HTML 1Page - M-System Co.,Ltd. R8-PC4A/Q Datasheet HTML 2Page - M-System Co.,Ltd. R8-PC4A/Q Datasheet HTML 3Page - M-System Co.,Ltd. R8-PC4A/Q Datasheet HTML 4Page - M-System Co.,Ltd. R8-PC4A/Q Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MODEL: R8-PC4A
R8-PC4A SPECIFICATIONS
ES-9795 Rev.4 Page 1/5
http://www.m-system.co.jp/
Remote I/O R8 Series
PULSE OUTPUT MODULE
(NPN transistor output, 4 points, voltage contact)
• 4-channel transistor output, compact size remote I/O
module
• Configurable with PC configurator (model: R8CFG)
12 (.47)
mm (inch)
115 (4.53)
59 (2.32)
MODEL: R8–PC4A[1]
ORDERING INFORMATION
• Code number: R8-PC4A[1]
Specify a code from below for [1].
(e.g. R8-PC4A/A/Q)
• Specify the specification for option code /Q
(e.g. /C01)
[1] OPTIONS (multiple selections)
0V Output for Excitation Supply
/A: With (must be specified.)
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
RELATED PRODUCTS
• PC configurator software (model: R8CFG)
Downloadable at M-System’s web site.
A dedicated cable is required to connect the module to the
PC. Please refer to the internet software download site or
the users manual for the PC configurator for applicable
cable types.
GENERAL SPECIFICATIONS
Connection
•Output: 4-pin e-CON connector
Unit side connector XN2D-1474-S002 (Omron)
Recommended cable side connector XN2A-1470 (Omron)
Applicable wire size 0.08 - 0.5 mm2 (AWG28 - 20)
Outer sheath diameter: max. 1.5 dia
(The cable connector is not included in the package.
Refer to the specifications of the product.)
•Excitation supply, internal bus:
Connected to internal bus connector
•Internal power: Supplied from internal bus connector
Isolation: Output or exc. supply to internal bus or internal
power
ON/OFF pulse width: Set with the side DIP switch
Module address: With rotary switch
Terminating resistor: Built-in (DIP Switch, default: disable)
Configuration mode: With DIP switches on the side panel
Status indicator: Bi-color (red/green) LED; Refer to the
instruction manual.
Output status indicators: Green LED; Refer to the instruction
manual.
OUTPUT SPECIFICATIONS
Output: NPN transistor 4 points
Maximum frequency: Approx. 80 Hz (DIP SW selectable)
Max. ouptut pulse number per setting: 2000
(The number of pulse output by one writing is up to 2000.
No output when the setting, in which difference between
the present value is not less than 2001 pulses, is set.)
Totalized pulse range: 1 – 10000 (Max. pulse range
selectable from 1 to 65535 using the PC Configurator
Software (model: R8CFG). ‘0’ at reset)
Count at overflow: Reset and restart at ‘1.’
Isolation: Photo coupler
Rated load voltage: 24 V DC ±10 % (from exc. supply)
24 V DC (from external power supply*)
Rated output current: 0.2 A per point (from exc. supply)
0.2 A per point (from external power
supply*)
*A power supply different from exc. supply is required.
Exc. supply must be used even when using external power
supply.
Residual voltage: ≤ 0.5 V
Leakage current: ≤ 0.1 mA
Shortcircuit protection: Included
Overheat Protection Function: Included
INSTALLATION
Max. current consumption: 100 mA
Operating temperature: -10 to +55°C (14 to 131°F)


Similar Part No. - R8-PC4A/Q

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R8-PA4 MSYSTEM-R8-PA4 Datasheet
187Kb / 4P
Remote I/O R8 Series TOTALIZED PULSE INPUT MODULE, 4 points
R8-PA4A MSYSTEM-R8-PA4A Datasheet
187Kb / 4P
Remote I/O R8 Series TOTALIZED PULSE INPUT MODULE, 4 points
R8-PA4A/Q MSYSTEM-R8-PA4A/Q Datasheet
187Kb / 4P
Remote I/O R8 Series TOTALIZED PULSE INPUT MODULE, 4 points
R8-PA4B MSYSTEM-R8-PA4B Datasheet
187Kb / 4P
Remote I/O R8 Series TOTALIZED PULSE INPUT MODULE, 4 points
R8-PA4B/Q MSYSTEM-R8-PA4B/Q Datasheet
187Kb / 4P
Remote I/O R8 Series TOTALIZED PULSE INPUT MODULE, 4 points
More results

Similar Description - R8-PC4A/Q

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
ESR8FST4N MSYSTEM-ESR8FST4N Datasheet
288Kb / 5P
Remote I/O R8 Series
ESR8DCT4D MSYSTEM-ESR8DCT4D Datasheet
215Kb / 4P
Remote I/O R8 Series
R8-PA4 MSYSTEM-R8-PA4 Datasheet
187Kb / 4P
Remote I/O R8 Series TOTALIZED PULSE INPUT MODULE, 4 points
R8-DCT4D MSYSTEM-R8-DCT4D Datasheet
215Kb / 4P
Remote I/O R8 Series RELAY OUTPUT MODULE
R8-DC4C MSYSTEM-R8-DC4C Datasheet
211Kb / 3P
Remote I/O R8 Series PHOTO MOSFET RELAY OUTPUT MODULE
R8-DC4A2 MSYSTEM-R8-DC4A2 Datasheet
197Kb / 3P
Remote I/O R8 Series NPN TRANSISTOR OUTPUT MODULE
R8-DC4A MSYSTEM-R8-DC4A Datasheet
201Kb / 4P
Remote I/O R8 Series NPN TRANSISTOR OUTPUT MODULE
R8-YV4N MSYSTEM-R8-YV4N Datasheet
218Kb / 4P
Remote I/O R8 Series DC VOLTAGE OUTPUT MODULE
R8-YS2NJ MSYSTEM-R8-YS2NJ Datasheet
222Kb / 4P
Remote I/O R8 Series DC CURRENT OUTPUT MODULE
R8-YS2 MSYSTEM-R8-YS2 Datasheet
205Kb / 4P
Remote I/O R8 Series DC CURRENT OUTPUT MODULE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com