Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CR8-ND1-R Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # CR8-ND1-R
Description  Remote I/O R8 Series POWER/NETWORK MODULE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

CR8-ND1-R Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  CR8-ND1-R Datasheet HTML 1Page - M-System Co.,Ltd. CR8-ND1-R Datasheet HTML 2Page - M-System Co.,Ltd. CR8-ND1-R Datasheet HTML 3Page - M-System Co.,Ltd. CR8-ND1-R Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MODEL: R8-ND1
R8-ND1 SPECIFICATIONS
ES-9749 Rev.5 Page 3/4
http://www.m-system.co.jp/
CONNECTION DIAGRAMS
■ POWER SUPPLY, EXCITATION SUPPLY CONNECTOR TERMINAL ASSIGNMENT
Printed-circuit board connector (Phoenix Contact)
Unit side connector:
MSTBV2,5/5-GF-5,08AU
Cable side connector: TFKC2,5/5-STF-5,08AU
PIN
ID
FUNCTION
No.
1
24V
Power supply 24V DC
2
0V
Power supply 0V DC
3
+
Excitation supply 24V DC
4
−
Excitation supply 0V DC
5
FE1
Grounding
1
2
3
4
5
1
2
3
4
5
PIN
ID
FUNCTION
No.
1
V –
POWER (–)
2
CAN_L
Signal Low
3
Drain
Shield
4
CAN_H
Signal High
5
V +
POWER (+)
■ NETWORK CONNECTOR ASSIGNMENT
Printed-circuit board connector (Phoenix Contact)
Unit side connector:
MSTBV2,5/5-GF-5,08AU
Cable side connector: TFKC2,5/5-STF-5,08AU M
EXTERNAL DIMENSIONS unit: mm (inch)
■UNIT
50 (1.97)
[3 (.12)]
55 (2.17)
DIN RAIL
(35 mm wide)
[4 (.16)]



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com