Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CR8-ND1-R Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # CR8-ND1-R
Description  Remote I/O R8 Series POWER/NETWORK MODULE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

CR8-ND1-R Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  CR8-ND1-R Datasheet HTML 1Page - M-System Co.,Ltd. CR8-ND1-R Datasheet HTML 2Page - M-System Co.,Ltd. CR8-ND1-R Datasheet HTML 3Page - M-System Co.,Ltd. CR8-ND1-R Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MODEL: R8-ND1
R8-ND1 SPECIFICATIONS
ES-9749 Rev.5 Page 2/4
http://www.m-system.co.jp/
Supply current to network: 50 mA max.
Operating temperature: -10 to +55°C (14 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Mounting: DIN rail
Weight: 180 g (0.40 lb)
PERFORMANCE
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1500 V AC @ 1 minute
(DeviceNet to internal bus or internal power or power input
to exc. supply to FE1)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive
EN 50581
EXTERNAL VIEW
DeviceNet Connector
8
7
6
5
4
3
2
1
■ FRONT VIEW
On
Power
RUN
MS
NS
NODE ADD.
X10
X1
B.
RATE
Connector for
Power Supply and
Excitation Supply
Miniature Jack Connector for Configuration
Function Setting
DIP SW
Internal Bus Connector
Baud Rate Setting
Rotary SW
Status Indicator LED
Node Address Setting
Rotary SW
LED
STATE
COLOR
TO INDICATE
Power
ON
Green
Power supplied
RUN
ON / Blink
Green
Turns on or blinks depending on the status
MS
ON
Green
Normal operation
ON
Red
Critical failure
Blink
Minor failure
NS
ON
Green
Connections are established
Blink
Connections are not established
ON
Red
Critical Link failure
Blink
Minor Link failure



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com