Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CR8-ND1-R Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # CR8-ND1-R
Description  Remote I/O R8 Series POWER/NETWORK MODULE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

CR8-ND1-R Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  CR8-ND1-R Datasheet HTML 1Page - M-System Co.,Ltd. CR8-ND1-R Datasheet HTML 2Page - M-System Co.,Ltd. CR8-ND1-R Datasheet HTML 3Page - M-System Co.,Ltd. CR8-ND1-R Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MODEL: R8-ND1
R8-ND1 SPECIFICATIONS
ES-9749 Rev.5 Page 4/4
http://www.m-system.co.jp/
■PROTECTIVE COVER
5 (.20)
50 (1.97)
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
Note: In order to improve EMC performance, bond the FE1 terminal to ground.
Caution: FE1 terminal is NOT a protective conductor terminal.
+24V
0V
+
−
FE1
POWER
EXC. SUPPLY
Comm.
Circuit
Control
Circuit
JACK
V+
CAN_H
Drain
CAN_L
V-
Power Circuit
(non-isolated)
INTERNAL
POWER (5V)
INTERNAL BUS
EXC. SUPPLY (24V)
PC CONFIGURATION
JACK
STATUS
LED
ROTARY SW
DIP SW
Isolation
TO OTHER
DeviceNet
DEVICES
Specifications are subject to change without notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com