Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC7410 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # MPC7410
Description  MPC7410 RISC Microprocessor Hardware Specifications Addendum for the MPC7410xxnnnNE Series
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC7410 Datasheet(HTML) 3 Page - NXP Semiconductors

  MPC7410 Datasheet HTML 1Page - NXP Semiconductors MPC7410 Datasheet HTML 2Page - NXP Semiconductors MPC7410 Datasheet HTML 3Page - NXP Semiconductors MPC7410 Datasheet HTML 4Page - NXP Semiconductors MPC7410 Datasheet HTML 5Page - NXP Semiconductors MPC7410 Datasheet HTML 6Page - NXP Semiconductors MPC7410 Datasheet HTML 7Page - NXP Semiconductors MPC7410 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MPC7410 RISC Microprocessor Hardware Specifications Addendum for the MPC7410xxnnnNE Series, Rev. 2.0
Freescale Semiconductor
3
Features
Table 3 provides the recommended operating conditions for the MPC7410 part numbers described herein.
Table 2. Input Threshold Voltage Setting
BVSEL Signal 3
Processor Bus Input
Threshold is Relative to:
L2VSEL Signal 3
L2 Bus Input Threshold is
Relative to:
Note
0
1.8 V
0
1.8 V
1
HRESET
2.5 V
HRESET
2.5 V
1, 2
1
Not Supported
1
2.5 V
1, 4, 5
HRESET
Not Supported
HRESET
Not Supported
—
Notes:
1. Caution: The input threshold selection must agree with the OVdd/L2OVdd voltages supplied.
2. To select the 2.5-V threshold option, BVSEL and/or L2VSEL should be tied to HRESET so that the two signals
change state together. This is the preferred method for selecting this mode of operation.
3. To overcome the internal pull-up resistance, a pull-down resistance less than 250 ohms should be used.
4. Default voltage setting if left unconnected (internal pulled-up).
5. Caution: The XPC7410RXnnnNE does not support the default OVdd setting of 3.3 V. The BVSEL input must be tie
either low or to HRESET.
Table 3. Recommended Operating Conditions
Characteristic
Symbol
Recommended Value
Unit
Core supply voltage
Vdd
1.5V ± 50mV
V
PLL supply voltage
AVdd
1.5V ± 50mV
V
L2 DLL supply voltage
L2AVdd
1.5V ± 50mV
V
Processor bus supply voltage BVSEL = 0
OVdd
1.8V ± 100mV
V
BVSEL = HRESET
OVdd
2.5V ± 100mV
V
BVSEL = HRESET
or BVSEL = 1
OVdd
Not Supported
V
L2 bus supply voltage
L2VSEL = 0
L2OVdd
1.8V ± 100mV
V
L2VSEL = HRESET
or L2VSEL = 1
L2OVdd
2.5V ± 100mV
V
Input voltage
Processor bus and
JTAG Signals
Vin
GND to OVdd
V
L2 Bus
Vin
GND to L2OVdd
V
Die-junction temperature
Tj
0 to 105
°C
Note: These are the recommended and tested operating conditions. Proper device operation outside of
these conditions is not guaranteed.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com