Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC7410 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # MPC7410
Description  MPC7410 RISC Microprocessor Hardware Specifications Addendum for the MPC7410xxnnnNE Series
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC7410 Datasheet(HTML) 6 Page - NXP Semiconductors

  MPC7410 Datasheet HTML 1Page - NXP Semiconductors MPC7410 Datasheet HTML 2Page - NXP Semiconductors MPC7410 Datasheet HTML 3Page - NXP Semiconductors MPC7410 Datasheet HTML 4Page - NXP Semiconductors MPC7410 Datasheet HTML 5Page - NXP Semiconductors MPC7410 Datasheet HTML 6Page - NXP Semiconductors MPC7410 Datasheet HTML 7Page - NXP Semiconductors MPC7410 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MPC7410 RISC Microprocessor Hardware Specifications Addendum for the MPC7410xxnnnNE Series, Rev. 2.0
6
Freescale Semiconductor
Ordering Information
10 Ordering Information
10.1 Part Numbers Addressed by this Specification
Table 17 provides the ordering information for the MPC7410 part described in this document.
Table 17. Part Marking Nomenclature.
10.3 Part Marking
Parts are marked as the example shown in Figure 26.
Figure 26. Freescale Part Marking for BGA Device
Mxx
7410
xx
nnn
NE
Product
Code
Part
Identifier
Package
Processor
Frequency 1
Application
Modifier
Revision Level
MPC
7410
RX = CBGA
400
450
500
N: 1.5 V ± 50 mV
0 to 105
°C
E: 1.4; PVR = 800C 1104
HX = HCTE_CBGA
VS = HCTE_LGA
400
450
MC
VU = HCTE_CBGA
(Lead Free C5 Solder
Spheres)
Notes:
1. Processor core frequencies supported by parts are addressed by this specification only. Parts addressed by other
specifications may support other maximum core frequencies.
BGA
Notes:
CCCCC is the country of assembly (this space is left blank if parts are assembled in the United States)
MMMMMM is the 6-digit mask number
ATWLYYWWA is the traceability code
MPC7410
RXnnnNE
MMMMMM
ATWLYYWWA
7410
nnn is the speed grade of the part



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com