Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX17543 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX17543
Description  3.3V Output-Voltage Application
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17543 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX17543 Datasheet HTML 1Page - Maxim Integrated Products MAX17543 Datasheet HTML 2Page - Maxim Integrated Products MAX17543 Datasheet HTML 3Page - Maxim Integrated Products MAX17543 Datasheet HTML 4Page - Maxim Integrated Products MAX17543 Datasheet HTML 5Page - Maxim Integrated Products MAX17543 Datasheet HTML 6Page - Maxim Integrated Products MAX17543 Datasheet HTML 7Page - Maxim Integrated Products MAX17543 Datasheet HTML 8Page - Maxim Integrated Products MAX17543 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Evaluates: MAX17543 in
3.3V Output-Voltage Application
MAX17543 3.3V Output Evaluation Kit
General Description
The MAX17543 3.3V output evaluation kit (EV kit) provides
a proven design to evaluate the MAX17543 high-voltage,
high-efficiency, synchronous step-down DC-DC convert-
er. The EV kit is preset for 3.3V output at load currents
up to 2.5A and features a 450kHz switching frequency for
optimum efficiency and component size. The EV kit
features adjustable input undervoltage lockout, adjust-
able soft-start, open-drain RESET signal, and external
frequency synchronization.
Features
● Operatesfroma5Vto42VInputSupply
● 3.3VOutputVoltage
● Upto2.5AOutputCurrent
● 450kHzSwitchingFrequency
● Enable/UVLOInput,Resistor-ProgrammableUVLO
Threshold
● AdjustableSoft-StartTime
● MODEPintoSelectAmongPWM,PFM,orDCM
Modes
● Open-DrainRESETOutput
● ExternalFrequencySynchronization
● OvercurrentandOvertemperatureProtection
● ProvenPCBLayout
● FullyAssembledandTested
19-7347; Rev 0; 9/14
Ordering Information appears at end of data sheet.
*EP = Exposed pad.
Note: C7, R1, and R2 are optional components; R1 and R2 are
not needed if the EN/UVLO pin is permanently connected to
VIN. The electrolytic capacitor (C7) is required only when the
VIN power supply is situated far from the MAX17543-based
circuit. When R5 is open, the device switches at 500kHz switch-
ing frequency.
DESIGNATION QTY
DESCRIPTION
C1
1
2.2µF±10%,50VX7Rceramic
capacitor (1210)
TDKC3225X7R1H225K
C2
1
2.2µF±10%,10VX7Rceramic
capacitor (0603)
MurataGRM188R71A225K
C3
1
5600pF±10%,25VX7Rceramic
capacitor (0402)
MurataGRM155R71E562K
C4
1
47µF±10%,10VX7Rceramic
capacitor (1210)
MurataGRM32ER71A476K
C5
1
0.1µF±10%,16VX7Rceramic
capacitor (0402)
MurataGRM155R71C104K
C6
0
Not installed, ceramic capacitor
(0402)
C7
1
47µF,50Valuminumelectrolytic
capacitor (D = 10mm)
PanasonicEEEFK1H470XP
JU1–JU3
3
3-pin headers
DESIGNATION QTY
DESCRIPTION
L1
1
6.8µH,5Ainductor
CoilcraftMSS1048-682NL
TaiyoYudenNS10165T6R8NNA
R1
1
3.32MΩ±1%resistor(0402)
R2
1
1MΩ±1%resistor(0402)
R3
1
127kΩ±1%resistor(0402)
R4
1
47.5kΩ±1%resistor(0402)
R5
0
45.3kΩ±1%resistor(0402)
R6
1
10kΩ±1%resistor(0402)
TP1,TP2
2
Test pads
U1
1
Buckconverter(20TQFN-EP*)
MaximMAX17543ATP+
—
3
Shunts(JU1,JU2,JU3)
—
1
PCB:MAX17543–3.3VOUTPUT
EVKIT
Component List


Similar Part No. - MAX17543

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17543 MAXIM-MAX17543 Datasheet
2Mb / 19P
Synchronous Step-Down DC-DC Converter
Rev 0; 9/14
MAX17543 MAXIM-MAX17543 Datasheet
966Kb / 11P
5V Output-Voltage Application
Rev 0; 9/14
MAX17543 MAXIM-MAX17543 Datasheet
2Mb / 19P
4.5V??2V, 2.5A, High-Efficiency, Synchronous Step-Down DC-DC Converter with Internal Compensation
2016
MAX17543ATP+ MAXIM-MAX17543ATP+ Datasheet
2Mb / 19P
4.5V??2V, 2.5A, High-Efficiency, Synchronous Step-Down DC-DC Converter with Internal Compensation
2016
MAX17543EVKITB MAXIM-MAX17543EVKITB Datasheet
966Kb / 11P
5V Output-Voltage Application
Rev 0; 9/14
More results

Similar Description - MAX17543

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17505EVKITA MAXIM-MAX17505EVKITA Datasheet
1Mb / 11P
3.3V Output-Voltage Application
Rev 0; 12/13
MAX17504EVKITA MAXIM-MAX17504EVKITA Datasheet
462Kb / 11P
3.3V Output-Voltage Application
Rev 1; 2/14
MAX17503EVKITA MAXIM-MAX17503EVKITA Datasheet
751Kb / 11P
3.3V Output-Voltage Application
Rev 0; 9/13
MAX17574EVKITA MAXIM-MAX17574EVKITA Datasheet
1Mb / 10P
3.3V Output-Voltage Application
Rev 2; 5/18
MAX17546EVKITA MAXIM-MAX17546EVKITA Datasheet
866Kb / 10P
3.3V Output-Voltage Application
Rev 2; 4/18
MAX17545EVKITA MAXIM-MAX17545EVKITA Datasheet
1Mb / 11P
3.3V Output-Voltage Application
Rev 0; 10/14
MAX17544EVKITA MAXIM-MAX17544EVKITA Datasheet
493Kb / 11P
3.3V Output-Voltage Application
Rev 0; 9/14
MAX17536EVKITA MAXIM-MAX17536EVKITA Datasheet
926Kb / 10P
3.3V Output-Voltage Application
Rev 2; 4/18
MAX17633AEVKIT MAXIM-MAX17633AEVKIT Datasheet
985Kb / 14P
3.3V Output-Voltage Application
Rev 1; 8/18
MAX17761EVKITA MAXIM-MAX17761EVKITA_V01 Datasheet
813Kb / 8P
3.3V Output-Voltage Application
2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com