Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX17543 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX17543
Description  3.3V Output-Voltage Application
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17543 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX17543 Datasheet HTML 1Page - Maxim Integrated Products MAX17543 Datasheet HTML 2Page - Maxim Integrated Products MAX17543 Datasheet HTML 3Page - Maxim Integrated Products MAX17543 Datasheet HTML 4Page - Maxim Integrated Products MAX17543 Datasheet HTML 5Page - Maxim Integrated Products MAX17543 Datasheet HTML 6Page - Maxim Integrated Products MAX17543 Datasheet HTML 7Page - Maxim Integrated Products MAX17543 Datasheet HTML 8Page - Maxim Integrated Products MAX17543 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
MaximIntegrated│ 2
Evaluates: MAX17543 in
3.3V Output-Voltage Application
MAX17543 3.3V Output Evaluation Kit
www.maximintegrated.com
Quick Start
Recommended Equipment
● MAX175433.3VoutputEVkit
● 5Vto42V,5ADCinputpowersupply
● Loadcapableofsinking2.5A
● Digitalvoltmeter(DVM)
Procedure
TheEVkitisfullyassembledandtested.Followthesteps
below to verify the board operation.
Caution: Do not turn
on power supply until all connections are completed.
1) Setthepowersupplyatavoltagebetween5Vand
42V. Disable the power supply.
2) Connect the positive terminal of the power supply to
the VIN PCB pad and the negative terminal to the
nearestPGNDPCBpad.Connectthepositivetermi-
nal of the 2.5A load to the VOUT PCB pad and the
negativeterminaltothenearestPGNDPCBpad.
3) ConnecttheDVMacrosstheVOUTPCBpadandthe
nearestPGNDPCBpad.
4) Verify that shunts are installed across pins 1-2 on
jumperJU1andpins2-3onjumperJU3(seeTables1
and 3 for details).
5) Select the shunt position on jumper JU2 according
to the intended mode of operation (see Table 2 for
details).
6) Turn on the DC power supply.
7) Enable the load.
8) VerifythattheDVMdisplays3.3V.
Detailed Description
The MAX17543 3.3V output EV kit provides a proven
design to evaluate the MAX17543 high-voltage, high-
efficiency, synchronous step-down DC-DC converter. The
EV kit is preset for 3.3V output from 5V to 42V input at
load currents up to 2.5A and features a 450kHz switching
frequency for optimum efficiency and component size.
TheEVkitincludesanEN/UVLOPCBpadandjumper
JU1toenabletheoutputatadesiredinputvoltage.The
SYNCPCBpadandjumperJU3allowanexternalclock
tosynchronizethedevice.JumperJU2allowstheselec-
tion of a particular mode of operation based on light-load
performance requirements. An additional RESET PCB
pad is available for monitoring whether the converter out-
put is in regulation.
Soft-Start Input (SS)
The device utilizes an adjustable soft-start function to
limit inrush current during startup. The soft-start time is
adjusted by the value of C3, the external capacitor from
SStoGND.Theselectedoutputcapacitance(CSEL) and
the output voltage (VOUT) determine the minimum value
ofC3,asshownbythefollowingequation:
C3≥28x10-6 x CSEL x VOUT
The soft-start time (tSS) is related to C3 by the following
equation:
tSS=C3/(5.55x10-6)
Forexample,toprograma1mssoft-starttime,C3should
be5.6nF.
Note: Indicate that you are using the MAX17543 when contacting these component suppliers.
SUPPLIER
PHONE
WEBSITE
Coilcraft,Inc.
847-639-6400
www.coilcraft.com
Murata Americas
800-241-6574
www.murataamericas.com
PanasonicCorp.
800-344-2112
www.panasonic.com
Taiyo Yuden
800-348-2496
www.t-yuden.com
TDK Corp.
516-535-2600
www.tdk.com
Component Suppliers



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com