Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX17543 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX17543
Description  3.3V Output-Voltage Application
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17543 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX17543 Datasheet HTML 1Page - Maxim Integrated Products MAX17543 Datasheet HTML 2Page - Maxim Integrated Products MAX17543 Datasheet HTML 3Page - Maxim Integrated Products MAX17543 Datasheet HTML 4Page - Maxim Integrated Products MAX17543 Datasheet HTML 5Page - Maxim Integrated Products MAX17543 Datasheet HTML 6Page - Maxim Integrated Products MAX17543 Datasheet HTML 7Page - Maxim Integrated Products MAX17543 Datasheet HTML 8Page - Maxim Integrated Products MAX17543 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
MaximIntegrated│ 3
Evaluates: MAX17543 in
3.3V Output-Voltage Application
MAX17543 3.3V Output Evaluation Kit
www.maximintegrated.com
Regulator Enable/Undervoltage-Lockout
Level (EN/UVLO)
The device offers an adjustable input undervoltage-
lockout level. For normal operation, a shunt should be
installedacrosspins1-2onjumperJU1.Todisablethe
output,installashuntacrosspins2-3onJU1andtheEN/
UVLOpinispulledtoGND.SeeTable1forJU1settings.
Setthevoltageatwhichthedeviceturnsonwiththeresis-
tivevoltage-dividerR1/R2connectedfromVIN_toSGND.
ConnectthecenternodeofthedividertoEN/UVLO.
ChooseR1tobe3.32MΩandthencalculateR2asfollows:
INU
R1 1.215
R2
(V
1.215)
×
=
−
where VINU is the voltage at which the device is required
to turn on.
MODE Selection (MODE)
The device’s MODE pin can be used to select among
PWM,PFM,orDCMmodesofoperation.Thelogicstate
oftheMODEpinislatchedwhenVCCandEN/UVLOvolt-
agesexceedtherespectiveUVLOrisingthresholdsand
allinternalvoltagesarereadytoallowLXswitching.State
changes on the MODE pin are ignored during normal
operation.RefertotheMAX17543ICdatasheetformore
informationonPWM,PFM,andDCMmodesofoperation.
Table 2 shows EV kit jumper settings that can be used to
configure the desired mode of operation.
External Clock Synchronization (SYNC)
The internal oscillator of the device can be synchronized
toanexternalclocksignalontheSYNCpin.Theexternal
synchronization clock frequency must be between 1.1fSW
and 1.4fSW, where fSW is the frequency of operation
setbyR5.Theminimumexternalclockhighpulsewidth
should be greater than 50ns and the minimum external
clock low pulse width should be greater than 160ns.
*Default position.
*Default position.
*Default position.
Table 1. Regulator Enable (EN/UVLO)
Description (JU1)
Table 2. MODE Description (JU2)
Table 3. SYNC Description (JU3)
SHUNT
POSITION
EN/UVLO PIN
MAX17543_ OUTPUT
1-2*
ConnectedtoVIN
Enabled
Not
installed
Connected to the
center node of
resistor-dividerR1
andR2
Enabled,UVLOlevel
setthroughtheR1and
R2resistors
2-3
ConnectedtoSGND
Disabled
SHUNT
POSITION
MODE PIN
MAX17543_ MODE
Not installed*
Unconnected
PFMmodeof
operation
1-2
Connected to
SGND
PWMmodeof
operation
2-3
Connected to
VCC
DCM mode of
operation
SHUNT
POSITION
SYNC PIN
MAX17543_ SYNC
1-2
Connected to
testlooponPCB
Frequencycanbe
synchronized with an
external clock
2-3*
Connected to
SGND
SYNCfeatureunused



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com