Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24C01 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 24C01
Description  CMOS I2C 2-WIRE BUS 1K/2K ELECTRICALLY ERASABLE PROGRAMMABLE ROM 128/256 X 8 BIT EEPROM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

24C01 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  24C01 Datasheet HTML 1Page - List of Unclassifed Manufacturers 24C01 Datasheet HTML 2Page - List of Unclassifed Manufacturers 24C01 Datasheet HTML 3Page - List of Unclassifed Manufacturers 24C01 Datasheet HTML 4Page - List of Unclassifed Manufacturers 24C01 Datasheet HTML 5Page - List of Unclassifed Manufacturers 24C01 Datasheet HTML 6Page - List of Unclassifed Manufacturers 24C01 Datasheet HTML 7Page - List of Unclassifed Manufacturers 24C01 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
CMOS I²C 2-WIRE BUS
1K/2K ELECTRICALLY ERASABLE PROGRAMMABLE ROM
128/256 X 8 BIT EEPROM
Turbo IC, Inc.
24C01/24C02
PRODUCT INTRODUCTION
PIN DESCRIPTION
DESCRIPTION:
The Turbo IC 24C01/24C02 is a serial 1K/2K EEPROM
fabricated with Turbo’s proprietary, high reliability, high per-
formance CMOS technology. It’s 1K/2K of memory is orga-
nized as 128/256 x 8 bits. The memory is configured as 16/
32 pages with each page containing 8 bytes. This device
offers significant advantages in low power applications.
The Turbo IC 24C01/24C02 uses the I²C addressing proto-
col and 2-wire serial interface which includes a bidirec-
tional serial data bus synchronized by a clock. It offers a
flexible byte write and a faster 8-byte page write.
The Turbo IC 24C01/24C02 is assembled in either a 8-pin
PDIP or 8-pin SOIC package. Pin #1 is the A0 device ad-
dress input for the device. Pin #2 is the A1 device address
input for the device. Pin #3 is the A2 device address input
for the device, such that a total of eight 24C01/24C02 de-
vices can be connected on a single bus. Pin #4 is the ground
(Vss). Pin #5 is the serial data (SDA) pin used for bidirec-
tional transfer of data. Pin #6 is the serial clock (SCL) input
pin. Pin #7 is the write protect (WP) pin used to protect hard-
ware data. Pin #8 is the power supply (Vcc) pin.
All data is serially transmitted in bytes (8 bits) on the SDA
bus. To access the Turbo IC 24C01/24C02 (slave) for a read
or write operation, the controller (master) issues a start con-
dition by pulling SDA from high to low while SCL is high. The
master then issues the device address byte which consists
of 1010 (A2) (A1) (A0) (R/W).The most significant bits (1010)
are a device type code signifying an EEPROM device. A0,
A1, and A2 are the device address select bits which has to
match the A0, A1, and A2 pin inputs on the device. The B[7]
bit (or B[6] bit in the 24C01) is the most significant bit of the
memory address. The read/write bit determines whether to
do a read or write operation. After each byte is transmitted,
the receiver has to provide an acknowledge by pulling the
SDA bus low on the ninth clock cycle. The acknowledge is a
handshake signal to the transmitter indicating a successful
data transmission.
FEATURES :
• Power Supply Voltage
Single Vcc for Read and Programming
(Vcc = 2.7 V to 5.5 V)
• Low Power (Isb = 2µa @ 5.5 V)
• I²C Bus, 2-Wire Serial Interface
• Support Byte Write and Page Write (8 Bytes)
• Automatic Page write Operation (maximum 10 ms)
Internal Control Timer
Internal Data Latches for 8 Bytes
• High Reliability CMOS Technology with EEPROM Cell
Endurance : 1,000,000 Cycles
Data Retention : 100 Y
ears
1
SERIAL CLOCK (SCL)
The SCL input synchronizes the data on the SDA
bus. It is used in conjunction with SDA to define
the start and stop conditions. It is also used in
conjunction with SDA to transfer data to and from
the Turbo IC 24C01/24C02.
SERIAL DATA (SDA)
SDA is a bidirectional pin used to transfer data
in and out of the Turbo IC 24C01/24C02. The pin
is an open-drain output. A pullup resistor must
be connected from SDA to Vcc.
PIN DESCRIPTION
DEVICE ADDRESS (A0 & A1 & A2)
A0, A1, and A2 are device address inputs that
enables a total of eight 24C01/24C02 devices to
connect on a single bus. If the address input pin
is left unconnected, it is interpreted as zero.
WRITE PROTECT (WP)
When the write protect input is connected to Vcc,
the entire memory array is protected against write
operations. For normal write operations, the write
protect pin should be grounded. When the pin is
left unconnected, WP is interpreted as zero.
1
2
3
4
5
6
7
8
A0
A1
A2
GND
VCC
WP
SCL
SDA
8 pin PDIP
1
2
3
4
5
6
7
8
A0
A1
A2
GND
VCC
WP
SCL
SDA
8 pin SOIC


Similar Part No. - 24C01

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
24C01 ATMEL-24C01 Datasheet
153Kb / 10P
2-Wire Serial EEPROM
logo
Microchip Technology
24C01 MICROCHIP-24C01 Datasheet
77Kb / 12P
1K/2K/4K 5.0V I 2 C O Serial EEPROMs
1996
logo
Integrated Silicon Solu...
24C01 ISSI-24C01 Datasheet
57Kb / 16P
1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
24C016 ISSI-24C016 Datasheet
85Kb / 13P
1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Microchip Technology
24C01A MICROCHIP-24C01A Datasheet
77Kb / 12P
1K/2K/4K 5.0V I 2 C O Serial EEPROMs
1996
More results

Similar Description - 24C01

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF85103C-2 PHILIPS-PCF85103C-2 Datasheet
346Kb / 20P
256 x 8-bit CMOS EEPROM with I2C-bus interface
Rev. 02-09 May 2002
logo
List of Unclassifed Man...
AM24LC02 ETC-AM24LC02 Datasheet
171Kb / 12P
2-Wire Serial 2K-bits (256 x 8) CMOS Electrically Erasable PROM
24C64 ETC-24C64 Datasheet
46Kb / 8P
CMOS I짼C 2-WIRE BUS 64K ELECTRICALLY ERASABLE PROGRAMMABLE ROM 8K X 8 BIT EEPROM
logo
Hitachi Semiconductor
HN58C65 HITACHI-HN58C65 Datasheet
152Kb / 16P
8192-word X 8-bit Electrically Erasable and Programmable CMOS ROM
logo
Rohm
BR93L56 ROHM-BR93L56 Datasheet
634Kb / 42P
128 X 16 bIT Electrically Erasable Programmable ROM
logo
List of Unclassifed Man...
24C08 ETC1-24C08 Datasheet
45Kb / 8P
CMOS IC 2-WIRE BUS 8K ELECTRICALLY ERASABLE PROGRAMMABLE ROM 1K X 8 BIT EEPROM
24C04 ETC1-24C04 Datasheet
44Kb / 8P
CMOS I2C 2-WIRE BUS 4K ELECTRICALLY ERASABLE PROGRAMMABLE ROM 512 X 8 BIT EEPROM
24C128 ETC1-24C128 Datasheet
44Kb / 8P
CMOS I2C 2-WIRE BUS 128K/256K ELECTRICALLY ERASABLE PROGRAMMABLE ROM 16K/32K X 8 BIT EEPROM
logo
Integrated Silicon Solu...
IS24C01B ISSI-IS24C01B Datasheet
142Kb / 19P
1K-bit/2K-bit 2-WIRE SERIAL CMOS EEPROM
logo
List of Unclassifed Man...
TU24C04 ETC2-TU24C04 Datasheet
39Kb / 8P
CMOS I2C 2-WIRE BUS 4K ELECTRICALLY ERASABLE PROGRAMMABLE ROM 512 X 8 BIT EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com